Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658TR Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 45Page - STMicroelectronics L9658TR Datasheet HTML 46Page - STMicroelectronics L9658TR Datasheet HTML 47Page - STMicroelectronics L9658TR Datasheet HTML 48Page - STMicroelectronics L9658TR Datasheet HTML 49Page - STMicroelectronics L9658TR Datasheet HTML 50Page - STMicroelectronics L9658TR Datasheet HTML 51Page - STMicroelectronics L9658TR Datasheet HTML 52Page - STMicroelectronics L9658TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
49/64
Figure 20.
Manchester decoding using satellite protocol as an example
The decoder uses a counter to track the high to low and low to high transitions at the bit
center. A transition is considered a bit center only when an edge is detected 75 % to 125 %
of the reference bit time. When a single edge occurs below 75% of the reference bit time it is
considered to be a bit edge but it is ignored. When the decoder detects a second edge
below 75 % of the reference bit time the device declares a bit time error via SPI, revert to the
minimum bit time of the selected range, and wait for idle. When a valid bit center is detected
the counter will reset and start counting again until another edge is detected. If the message
is not complete and no edge is detected in the range of 75 % to 125 % of measured bit time,
the device declares a bit time error via SPI, revert to the minimum bit time of the selected
range, and wait for idle. The idle time is defined as 150 % of the minimum bit time of the
selected protocol speed range. If there is no bit transition detected for that period of time
and the correct number of bits was received, the message is considered complete.
Bit time error and too many bits faults are stored directly into the FIFO once they are
selected without the need to wait till an idle time. Since a bit time error is reported directly
once it is detected before Idle time, too few bits error may never be reported since bit time
error is detected first.
Bit time errors and too many bits errors will cause the decoder to revert to the minimum bit
time of the selected range, and discard the message. In case of a message containing
multiple errors only one error code is reported per message, errors detected in the decoding
phase have the following reporting priority; bit time errors, too many bits errors then
communication errors (CRC/Parity).
0
23
4
18
1
19
0
Bit_Time_Counter<TBD>
Bit_Count<TBD>
FILT_DATA
IF/V
Bit_Time_Register<6:0>
-----
N1
N1
N1
N1
N1
-------
75 % to Bit Center
150% N1
IMS_Detect
All Transitions
Bit Center Transitions =
All Transitions after 75%
N2
N1
0.75 N1
1.25 N1
N3
1.25 N1
0.75 N1
sync2=0
D16=1
sync1=0
D15=1
N12
1.25 N1
0.75 N1
D0=1
D0=1
IMS > or
=2N1
0.75 N13
1.25 N1
N11
D1=0
sync1=0
Sattelite Current
Level
sync2
D16
sync1
D15
D0
sync1
sync1=0
sync0=0
D16=1
D15=1
sync1=0
IMS > or
=2N1
IMS > or
=2N1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com