Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 24Page - STMicroelectronics L9658TR Datasheet HTML 25Page - STMicroelectronics L9658TR Datasheet HTML 26Page - STMicroelectronics L9658TR Datasheet HTML 27Page - STMicroelectronics L9658TR Datasheet HTML 28Page - STMicroelectronics L9658TR Datasheet HTML 29Page - STMicroelectronics L9658TR Datasheet HTML 30Page - STMicroelectronics L9658TR Datasheet HTML 31Page - STMicroelectronics L9658TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Functional description
L9658
28/64
Doc ID 14219 Rev 3
4.10.5
Resistance measurement
During a resistance measurement, both ISRC and ISINK are switched on. An analog
voltage on AOUT pin is provided. AOUT pin is a 5 V analog pin, which will be connected to the
ADC input of a processor. This pin provides the resistance-measurement voltage, which
correspond to the voltage difference across SQH and SQL. According to the following
formula:
Vaout = VDD/10 + Rsquib · Isrc · 10
The accuracy in the range of Rsquib is classified as followings:
0 < Rsquib  3.5 
±95 mV
3.5 < Rsquib  10 
±5 %
A low pass filter (10 k
 + 330 pF) is recommended in order to cancel noise caused by
internal offset compensation.
Figure 15.
Resistance measurement flow chart
4.10.6
MOS diagnostics
During diagnostic, IBIAS is connected to SQH pin. In a normal condition, SQH voltage is
below SBTH and SQL voltage will be higher than SGTH. Prior to turning on the MOS, the
processor is expected to check for a short to battery and a short to ground fault. This step is
intended to prevent a large amount of current flowing through the MOS. Also, this step is
intended to precondition SQH and SQL pins prior to diagnostics. DEPEN pin is asserted in
order to turn on the low or high side driver. If DEPEN is negated during diagnostic, the MOS
is not turned on and a fail MOS diagnostic is expected.
4.10.7
Low side MOS diagnostic
When L9658 receives a SPI command to initiate the low side driver diagnostic, verification
of following conditions are done before turning on the low side driver:
–VSQL greater than SGTH threshold voltage
–VSQH less than SBTH threshold voltage
If both conditions above are satisfied, execution of low side driver diagnostic is performed.
Otherwise, the low side MOS diagnostic request is ignored and both bit D13 and bit D7 in
SPI diagnostic mode response are set. Upon detection of the following conditions, the
BEGIN
END
SPI Command:
Enable AOUT,
Turn on I
SRC & ISINK
SPI Command:
Turn off ISRC & ISINK
Turn off I
SRC & ISINK
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com