Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9658TR
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9658TR Datasheet HTML 19Page - STMicroelectronics L9658TR Datasheet HTML 20Page - STMicroelectronics L9658TR Datasheet HTML 21Page - STMicroelectronics L9658TR Datasheet HTML 22Page - STMicroelectronics L9658TR Datasheet HTML 23Page - STMicroelectronics L9658TR Datasheet HTML 24Page - STMicroelectronics L9658TR Datasheet HTML 25Page - STMicroelectronics L9658TR Datasheet HTML 26Page - STMicroelectronics L9658TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
23/64
The following power-up conditions is considered as normal operations. VRES input can be
connected to either a power supply output or an ignition voltage. VDD is connected to 5 V
output of power supply. When VRES is connected to the power supply, VDD voltage will
reach its regulation voltage before VRES voltage is stabilized. In this condition, the device
has the control o f its internal logic and that prevent an inadvertent turn-on of the drivers.
When VRES is connected to the ignition, VRES voltage will be stabilized before VDD
reaches its regulation voltage. In this condition, all drivers are inactive. A pull-down on the
gates of high side drivers (SQH) is provided to prevent these drivers from momentarily
turning-on. Any loop driver fault conditions do not turn on the SQH and SQL drivers. Only a
valid deployment condition can turn on the respective SQH and SQL drivers. Refer to
section for valid deployment conditions.
4.9.1
Arming interface
The arming interface is used as a fail-safe to prevent inadvertent airbag deployment. Along
with deployment command, these signals provide redundancy. Pulse stretch timer is
provided for each channel/loop. Either ARM signal or deployment command shall start the
pulse stretch timer.
Arming interface has a dedicated 8-bit SPI interface.
When CS_A is negated, L9658 latch ARM signal from the shift register and start the pulse
stretch timer for the respective channel/s. The device can deploy a channel, ONLY when
DEPEN is asserted and any of the following conditions are satisfied:
–
the respective deployment command is sent during a valid pulse stretch timer,
which initiated by ARM signal
–
the respective SPI ARM command is sent during a valid pulse stretch timer, which
initiate by deployment command
During a deployment, the device turn on the respective high side (SQH) and low side (SQL)
drivers for duration of tDEPLOY. When a deployment is initiated, it cant be terminated, except
during a reset event.
Figure 11.
Deployment sequence
When a deployment-enable command is sent through SPI, the pulse stretcher shall be
initiated immediately following the falling edge of CS_D. When another deployment-enable
Pulse Stretch Timer
t
DEPLOY
Deploy
Valid
Deployment
Window
CS _D
Deploy Success Flag
1: Deployment-enable Command 2: Clear Deploy Success Flag
SPI CS_D Notes:
11
2
t
PULSE
Valid
Deployment
Window
11
2
Valid
Deployment
Window
t < t
PULSE
Valid
Deployment
Window
t<t
PULSE
1
3
3: Deployment-disable Command
3
ARM Status Flag
CS_A
A
B
A
B
A
B
A
B
A
B
ARMEN Notes:
A: Arming-enable Command
B: Arming-disable Command
DEPEN input is assumed to be active in this sequence.
SPI Deploy Command
Status Flag
t
PULSE
t<t
PULSE
A
t
DEPLOY
1
t
PULSE
Deploy Status Flag
Monitor Mode Command bit
D8 = 0
Deploy Status Flag
Monitor Mode Command bit
D8 = 1
1
t<t
PULSE
3
t
PULSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com