Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVU2.8 Datasheet (PDF) - STMicroelectronics

SLVU2.8 Datasheet PDF - STMicroelectronics
Part # SLVU2.8
Download  SLVU2.8 Download
File Size   202.83 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage unit for Gigabit Ethernet protection

SLVU2.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLVU2.8 Datasheet PDF - STMicroelectronics

Part # SLVU2.8
Download  SLVU2.8 Click to download

File Size   202.83 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage unit for Gigabit Ethernet protection

SLVU2.8 Datasheet (HTML) - STMicroelectronics


SLVU2.8 Product details

Description
The SLVU2.8 series has been designed to protect Ethernet line. Its low capacitance makes it compatible with Gigabit Ethernet.

Features
■ Peak pulse current : IPP = 30 A 8/20 µs
■ Low capacitance : Ctyp = 1.5 pF
■ Stand-off voltage : VR = 2.8 V
■ Low leakage current : IRmax = 0.2 µA
■ ECOPACK®2 compliant component
■ IEC 61000-4-5 (1kV 42 Ω 24 A) compliant at Tj = 150 °C




Similar Part No. - SLVU2.8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
logo
Weitron Technology
SLVU2.8 WEITRON-SLVU2.8 Datasheet
1Mb / 7P
Ultralow Capacitance TVS Diodes Array for ESD Protection
logo
Micro Commercial Compon...
SLVU2.8 MCC-SLVU2.8 Datasheet
276Kb / 4P
2.8Volts ESD Protection Devices
logo
Protek Devices
SLVU2.8 PROTEC-SLVU2.8 Datasheet
960Kb / 9P
600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
logo
Littelfuse
SLVU2.8 LITTELFUSE-SLVU2.8 Datasheet
1Mb / 4P
The SLVU2.8 series was designed to protect low voltage, CMOS devices from ESD and lightning induced transients.
More results


Similar Description - SLVU2.8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP2804L SEMTECH-UCLAMP2804L Datasheet
282Kb / 8P
Lightning and ESD Protection for Gigabit Ethernet Interfaces
UCLAMP3312T SEMTECH-UCLAMP3312T Datasheet
365Kb / 8P
Low Voltage 關Clamp짰 for Gigabit Ethernet
logo
STMicroelectronics
SLVU2.8-8A1 STMICROELECTRONICS-SLVU2.8-8A1 Datasheet
202Kb / 8P
Low voltage unit for Gigabit Ethernet protection
31-May-2011
SLVU2.8-4A1 STMICROELECTRONICS-SLVU2.8-4A1 Datasheet
202Kb / 8P
Low voltage unit for Gigabit Ethernet protection
31-May-2011
logo
Socay Electornics Co., ...
ULC33CP8 SOCAY-ULC33CP8 Datasheet
296Kb / 3P
Lightning & ESD Protection For Gigabit Ethernet Interface
logo
STMicroelectronics
AN3007 STMICROELECTRONICS-AN3007 Datasheet
418Kb / 20P
100 Mbps and Gigabit Ethernet protection
30-Mar-2010
logo
Rectron Semiconductor
TEP2201-33LC RECTRON-TEP2201-33LC Datasheet
755Kb / 6P
Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
logo
Semtech Corporation
UCLAMP2512T SEMTECH-UCLAMP2512T Datasheet
371Kb / 8P
Lightning and ESD Protection for Gigabit Ethernet Interfaces
logo
Rectron Semiconductor
TEP2203-25LC RECTRON-TEP2203-25LC Datasheet
222Kb / 5P
Low Capacitance ESD/Surge Protection for Gigabit Ethernet Interfaces
logo
Shanghai Leiditech Elec...
ESD33T8 LEIDITECH-ESD33T8 Datasheet
2Mb / 6P
FOR GIGABIT ETHERNET PROTECTION TVS DIODE ARRAY
Rev : 01.04.2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com