Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVU2.8 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SLVU2.8
Description  Low voltage unit for Gigabit Ethernet protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SLVU2.8 Datasheet(HTML) 3 Page - STMicroelectronics

  SLVU2.8 Datasheet HTML 1Page - STMicroelectronics SLVU2.8 Datasheet HTML 2Page - STMicroelectronics SLVU2.8 Datasheet HTML 3Page - STMicroelectronics SLVU2.8 Datasheet HTML 4Page - STMicroelectronics SLVU2.8 Datasheet HTML 5Page - STMicroelectronics SLVU2.8 Datasheet HTML 6Page - STMicroelectronics SLVU2.8 Datasheet HTML 7Page - STMicroelectronics SLVU2.8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SLVU2.8
Characteristics
Doc ID 16191 Rev 2
3/8
Figure 2.
Relative peak pulse power versus
initial junction temperature
Figure 3.
Junction capacitance versus
frequency (SLVU2.8-4A1)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
P [T initial] / P [T initial = 25 °C]
PP
j
PP
j
0
1
2
3
4
5
10
100
1000
F(MHz)
Pin 1- 2
Pin 3- 4
Pin 5- 6
Pin 7- 8
SLVU2.8-4A1
Vosc = 30 mVRMS
Tj = 25 °C
C(pF)
Figure 4.
Junction capacitance versus
frequency (SLVU2.8-8A1)
Figure 5.
Junction capacitance versus
reverse applied voltage
(typical values)
0
1
2
3
4
5
10
100
1000
0
1
2
3
4
5
Vosc = 30 mVRMS
Tj = 25 °C
C(pF)
Pin 1- 2
Pin 3- 4
Pin 5- 6
Pin 7- 8
SLVU2.8-8A1
F(MHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0123
F = 1 MHz
Vosc = 30 mV
Tj = 25 °C
RMS
SLVU2.8-4A1
SLVU2.8-8A1
V (V)
R
C(F)
Figure 6.
Leakage current versus junction
temperature (typical values)
Figure 7.
S21 attenuation (typical value)
Vr = Vrm
1
10
100
25
50
75
100
125
150
I (nA)
r
T (°C)
j
300k
1M
3M
10M
30M
100M 300M
1G
3G
-8
-6
-4
-2
0
1G
-
-
-
-
-
-
-
-
F(Hz)
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com