Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVU2.8 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SLVU2.8
Description  Low voltage unit for Gigabit Ethernet protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SLVU2.8 Datasheet(HTML) 5 Page - STMicroelectronics

  SLVU2.8 Datasheet HTML 1Page - STMicroelectronics SLVU2.8 Datasheet HTML 2Page - STMicroelectronics SLVU2.8 Datasheet HTML 3Page - STMicroelectronics SLVU2.8 Datasheet HTML 4Page - STMicroelectronics SLVU2.8 Datasheet HTML 5Page - STMicroelectronics SLVU2.8 Datasheet HTML 6Page - STMicroelectronics SLVU2.8 Datasheet HTML 7Page - STMicroelectronics SLVU2.8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SLVU2.8
Ordering information scheme
Doc ID 16191 Rev 2
5/8
Figure 11.
Schematic for 1 Gbps Ethernet
1.
For further information, refer to application note : AN3007
2
Ordering information scheme
Figure 12.
Ordering information scheme
Secondary
Protection
Tranceiver
V
V
V
V
Primary
Protection
(optional)
SLVU
2.8
-
4
A
1
ST low voltage unit
Stand off voltage
V
rm
= 2.8 V
Number of lines
Version
Packaging
1 = SO- 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com