Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVU2.8 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SLVU2.8
Description  Low voltage unit for Gigabit Ethernet protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SLVU2.8 Datasheet(HTML) 2 Page - STMicroelectronics

  SLVU2.8 Datasheet HTML 1Page - STMicroelectronics SLVU2.8 Datasheet HTML 2Page - STMicroelectronics SLVU2.8 Datasheet HTML 3Page - STMicroelectronics SLVU2.8 Datasheet HTML 4Page - STMicroelectronics SLVU2.8 Datasheet HTML 5Page - STMicroelectronics SLVU2.8 Datasheet HTML 6Page - STMicroelectronics SLVU2.8 Datasheet HTML 7Page - STMicroelectronics SLVU2.8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
SLVU2.8
2/8
Doc ID 16191 Rev 2
1
Characteristics
Figure 1.
Pulse waveform
Table 1.
Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power (8/20 µs)
600
W
IPP
Peak pulse current (8/20 µs)
30
A
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum junction temperaturee
-55 to + 150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Table 2.
Electrical characteristics values (Tamb = 25 °C)
Order code
IRM @VRM
VCL @IPP
8/20 µs
VCL @IPP
8/20 µs
C
I/O to I/O
typ.
max.
max.
85 °C
max.
max.
typ.
max.
nA
µA
µA
V
V
A
V
A
pF
pF
SLVU2.8-4A1
2
0.2
1
2.8
15
24
12
12
1.5
2.5
SLVU2.8-8A1
2
0.2
1
2.8
15
24
12
12
3
5
100
50
0
Repetitive peak pulse current
t = rise time (µs)
t = pulse duration time (µs)
r
p
t
r
t
p
%I
PP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com