Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3657D Datasheet (PDF) - Maxim Integrated Products

MAX3657D Datasheet PDF - Maxim Integrated Products
Part # MAX3657D
Download  MAX3657D Download
File Size   433.83 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 155Mbps Low-Noise Transimpedance Amplifier

MAX3657D Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3657D Datasheet PDF - Maxim Integrated Products

Part # MAX3657D
Download  MAX3657D Click to download

File Size   433.83 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 155Mbps Low-Noise Transimpedance Amplifier

MAX3657D Datasheet (HTML) - Maxim Integrated Products


MAX3657D Product details

General Description
The MAX3657 is a transimpedance preamplifier for receivers operating up to 155Mbps. The low noise, high gain, and low-power dissipation make it ideal for Class-B and Class-C passive optical networks (PONs).

Features
♦ 14nARMS Input-Referred Noise
♦ 54kΩ Transimpedance Gain
♦ 130MHz (typ) Bandwidth
♦ 2mAP-P Input Current—0dBm Overload Capability
♦ 76mW (typ) Power Dissipation
♦ 3.3V Single-Supply Operation
♦ Average Photocurrent Monitor

Applications
    Optical Receivers (Up to 155Mbps Operation)
    Passive Optical Networks (PONs)
    SFP/SFF Transceivers
    BiDi Transceivers




Similar Part No. - MAX3657D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657 Datasheet
755Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
MAX3657BE/D MAXIM-MAX3657BE/D Datasheet
755Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
MAX3657E/D MAXIM-MAX3657E/D Datasheet
755Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
MAX3657ETC MAXIM-MAX3657ETC Datasheet
755Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
Rochester Electronics
MAX3657ETC-G ROCHESTER-MAX3657ETC-G Datasheet
617Kb / 1P
TRANSIMPEDANCE AMPLIFIER now available in a lead-free package
More results


Similar Description - MAX3657D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
Low-power FDDI transimpedance amplifier
1995 Apr 26
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
logo
Maxim Integrated Produc...
MAX3275 MAXIM-MAX3275 Datasheet
1Mb / 9P
Low-Noise, Fibre Channel Transimpedance Amplifiers
Rev 1; 3/05
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
04-Nov-2004
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
7/05-Revision 0
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Analog Devices
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com