Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2186BM Datasheet (PDF) - Micrel Semiconductor

MIC2186BM Datasheet PDF - Micrel Semiconductor
Part # MIC2186BM
Download  MIC2186BM Download
File Size   162.5 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage PWM Control IC

MIC2186BM Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2186BM Datasheet PDF - Micrel Semiconductor

Part # MIC2186BM
Download  MIC2186BM Click to download

File Size   162.5 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage PWM Control IC

MIC2186BM Datasheet (HTML) - Micrel Semiconductor


MIC2186BM Product details

General Description
Micrel’s MIC2186 is a high efficiency boost PWM control IC. With its wide input voltage range of 2.9V to 14V, the MIC2186 can be used to efficiently boost voltages in 1- or 2-cell Li Ion battery powered applications, as well as to boost voltages in fixed 3.3V, 5V, or 12V systems. Its powerful 1.6Ω output driver allows the MIC2186 to supply large output currents with the selection of proper external MOSFETs.

Features
• Input voltage range: 2.9V to 14V
• 1.6Ω output driver
• Oscillator frequency of 100kHz/200kHz/400kHz
• Frequency sync to 600kHz
• Front edge blanking
• PWM Current Mode Control
• Selectable light load SKIP mode
• 600µA quiescent current (SKIP-Mode)
• 0.5µA shutdown current
• Cycle-by-Cycle current limiting
• Frequency foldback protection
• Adjustable under-voltage lockout
• Precision 1.245V reference output
• 16 pin SOIC and QSOP package options
• Selectable 50% maximum duty cycle for flyback applications

Applications
• DC power distribution systems
• Wireless Modems
• ADSL line cards
• SLIC power supplies
• 1-and 2-cell Li Ion battery operated equipment




Similar Part No. - MIC2186BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2186BM MICREL-MIC2186BM Datasheet
189Kb / 15P
Low Voltage PWM Control IC
More results


Similar Description - MIC2186BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2184 MICREL-MIC2184 Datasheet
75Kb / 12P
Low Voltage Buck PWM Control IC Final Information
MIC2185 MICREL-MIC2185 Datasheet
141Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185 MICREL-MIC2185_05 Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
Low Voltage PWM Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
logo
Rohm
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
PWM Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com