Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet (PDF) - Wolfson Microelectronics plc

WM8972L Datasheet PDF - Wolfson Microelectronics plc
Part # WM8972L
Download  WM8972L Download
File Size   531.1 Kbytes
Page   49 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description MONO CODEC FOR PORTABLE AUDIO APPLICATIONS

WM8972L Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8972L Datasheet PDF - Wolfson Microelectronics plc

Part # WM8972L
Download  WM8972L Click to download

File Size   531.1 Kbytes
Page   49 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description MONO CODEC FOR PORTABLE AUDIO APPLICATIONS

WM8972L Datasheet (HTML) - Wolfson Microelectronics plc


WM8972L Product details

DESCRIPTION
The WM8972L is a low power, high quality mono CODEC designed for portable digital audio applications.
The device integrates complete interfaces to mono microphones. External component requirements are drastically reduced as no separate microphone amplifiers are required. Advanced on-chip digital signal processing performs graphic equaliser and automatic level control for the microphone or line input.

FEATURES
• DAC SNR 98dB (‘A’ weighted), THD –84dB at 48kHz, 3.3V
• ADC SNR 95dB (‘A’ weighted), THD -82dB at 48kHz, 3.3V
• Complete Mono Microphone Interface
    - Programmable ALC / Noise Gate
• On-chip 400mW BTL Speaker Driver (mono)
• Digital Graphic Equaliser
• Low Power
    - 7mW mono playback (1.8V / 1.5V supplies)
    - 14mW record & playback (1.8V / 1.5V supplies)
• Low Supply Voltages
    - Analogue 1.8V to 3.6V
    - Digital core: 1.42V to 3.6V
    - Digital I/O: 1.8V to 3.6V
• 256fs / 384fs or USB master clock rates: 12MHz, 24MHz
• Audio sample rates: 8, 11.025, 16, 22.05, 24, 32, 44.1, 48, 88.2, 96kHz generated internally from master clock
• 5x5x0.9mm QFN package

APPLICATIONS
• Digital Still Cameras
• Toys




Similar Part No. - WM8972L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8971L WOLFSON-WM8971L Datasheet
622Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
WM8971L WOLFSON-WM8971L Datasheet
763Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8971LEFL WOLFSON-WM8971LEFL Datasheet
622Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
WM8971LEFL/R WOLFSON-WM8971LEFL/R Datasheet
622Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
WM8971LGEFL WOLFSON-WM8971LGEFL Datasheet
622Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
More results


Similar Description - WM8972L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8971L WOLFSON-WM8971L_05 Datasheet
763Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750JL WOLFSON-WM8750JL Datasheet
561Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8973L WOLFSON-WM8973L_11 Datasheet
698Kb / 63P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8973L WOLFSON-WM8973L Datasheet
698Kb / 63P
Stereo CODEC for Portable Audio Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com