Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8972L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
4
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
MCLK
Digital Input
Master Clock
2
DCVDD
Supply
Digital Core Supply
3
DBVDD
Supply
Digital Buffer (I/O) Supply
4
DGND
Supply
Digital Ground (return path for both DCVDD and DBVDD)
5
BCLK
Digital Input / Output
Audio Interface Bit Clock
6
DACDAT
Digital Input
DAC Digital Audio Data
7
DACLRC
Digital Input / Output
Audio Interface Left / Right Clock/Clock Out
8
ADCDAT
Digital Output
ADC Digital Audio Data
9
ADCLRC
Digital Input / Output
Audio Interface Left / Right Clock
10
MONOOUT
Analogue Output
Mono Output
11
OUT2
Analogue Output
Analogue Output 2
12
DNC
Do not connect
Leave this pin floating
13
DNC
Do not connect
Leave this pin floating
14
OPGND
Supply
Supply for Analogue Output Drivers
15
OUT-
Analogue Output
- Output (Line or Speaker)
16
OUT+
Analogue Output
+ Output (Line or Speaker)
17
OPVDD
Supply
Supply for Analogue Output Drivers (OUT-/+, MONOUT)
18
AVDD
Supply
Analogue Supply
19
AGND
Supply
Analogue Ground (return path for both AVDD and MVDD)
20
VREF
Analogue Output
Reference Voltage Decoupling Capacitor
21
VMID
Analogue Output
Midrail Voltage Decoupling Capacitor
22
MICBIAS
Analogue Output
Microphone Bias
23
DNC
Do not connect
Leave this pin floating
24
DNC
Do not connect
Leave this pin floating
25
INPUT2-
Analogue Input
- Channel Input 2
26
INPUT2+
Analogue Input
+ Channel Input 2
27
INPUT1-
Analogue Input
- Channel Input 1
28
INPUT1+
Analogue Input
+ Channel Input 1
29
MODE
Digital Input
Control Interface Selection
30
CSB
Digital Input
Chip Select / Device Address Selection
31
SDIN
Digital Input/Output
Control Interface Data Input / 2-wire Acknowledge output
32
SCLK
Digital Input
Control Interface Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com