Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
22
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
BB
0
Bass Boost
0 = Linear bass control
1 = Adaptive bass boost
6
BC
0
Bass Filter Characteristic
0 = Low Cutoff (130Hz at 48kHz sampling)
1 = High Cutoff (200Hz at 48kHz sampling)
Bass Intensity
Code
BB=0
BB=1
0000
+9dB
15 (max)
0001
+9dB
14
0010
+7.5dB
13
0011
+6dB
12
0100
+4.5dB
11
0101
+3dB
10
0110
+1.5dB
9
0111
0dB
8
1000
-1.5dB
7
1001
-3dB
6
1010
-4.5dB
5
1011
-6dB
4
1100
-6dB
3
1101
-6dB
2
1110
-6dB
1
R12 (0Ch)
Bass Control
3:0
BASS
[3:0]
1111
(Disabled)
1111
Bypass (OFF)
6
TC
0
Treble Filter Characteristic
0 = High Cutoff (8kHz at 48kHz sampling)
1 = Low Cutoff (4kHz at 48kHz sampling)
R13 (0Dh)
Treble Control
3:0
TRBL
[3:0]
1111
(Disabled)
Treble Intensity
0000 or 0001 = +9dB
0010 = +7.5dB
… (1.5dB steps)
1011 to 1110 = -6dB
1111 = Disable
Table 11 Graphic Equaliser



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com