Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
8
POWER CONSUMPTION
The power consumption of the WM8972L depends on the following factors.
•
Supply voltages: Reducing the supply voltages also reduces supply currents, and therefore results in significant power
savings, especially in the digital sections of the WM8972L.
•
Operating mode: Significant power savings can be achieved by always disabling parts of the WM8972L that are not
used (e.g. mic pre-amps, unused outputs, DAC, ADC, etc.)
Control Register
R23
Other settings
Tot. Power
Bit
V
I (mA)
V
I (mA)
V
I (mA)
V
I (mA)
mW
OFF
00 00000000000 11
Clocks stopped
3.3 0.0016 3.3 0.0190 3.3 0.0080 3.3 0.0002
0.0950
01
2.5 0.0008 2.5 0.0170 2.5 0.0050 2.5 0.0000
0.0570
00
1.8 0.0005 1.5 0.0120 1.5 0.0029 1.8 0.0000
0.0233
Standby
10 10000000000 11
Interface Stopped
3.3 0.3900 3.3 0.0390 3.3 0.0080 3.3 0.0000
1.4421
(500 KOhm VMID string)
01
2.5 0.2880 2.5 0.0170 2.5 0.0050 2.5 0.0000
0.7750
00
1.8 0.1970 1.5 0.0120 1.5 0.0030 1.8 0.0000
0.3771
Playback to 8 Ohm BTL Speaker 01 10001110000 11
R24, OUTINV=1
3.3
TBD
3.3
TBD
3.3
TBD
3.3
TBD
TBD
01
2.5
TBD
2.5
TBD
2.5
TBD
2.5
TBD
TBD
00
1.8
TBD
1.5
TBD
1.5
TBD
1.8
TBD
TBD
Speaker Amp
01 10000110000 11
Clocks Stopped
3.3 1.9780 3.3 0.0200 3.3 0.0080 3.3 0.3310
7.7121
(line-in to 8 Ohm speaker)
01
R24, OUTINV=1
2.5 1.4300 2.5 0.0190 2.5 0.0050 2.5 0.2430
4.2425
00
1.8 0.9860 1.5 0.0130 1.5 0.0030 1.8 0.1760
2.1156
Phone Call
01 10010111000 11
Clocks Stopped
3.3 2.5230 3.3 0.0370 3.3 0.0080 3.3 0.4420
9.9330
(mono line-in to headphone,
01
2.5 1.8520 2.5 0.0190 2.5 0.0050 2.5 0.3200
5.4900
mic to MONOOUT)
00
1.8 1.2900 1.5 0.0130 1.5 0.0030 1.8 0.2240
2.7492
Record from Line-in
01 11100000000 11
3.3
TBD
3.3
TBD
3.3
TBD
3.3
TBD
TBD
01
2.5
TBD
2.5
TBD
2.5
TBD
2.5
TBD
TBD
00
1.8
TBD
1.5
TBD
1.5
TBD
1.8
TBD
TBD
Record from Line-in
01 11100000010 11
3.3
TBD
3.3
TBD
3.3
TBD
3.3
TBD
TBD
(64x oversampling mode)
01
2.5
TBD
2.5
TBD
2.5
TBD
2.5
TBD
TBD
00
1.8
TBD
1.5
TBD
1.5
TBD
1.8
TBD
TBD
Record from mono microphone
01 11110000000 11 R32, MICBOOST=11; 3.3 4.9330 3.3 6.5400 3.3 0.3390 3.3 0.0000
38.9796
01
R23, DATSEL=01
2.5 4.2970 2.5 4.2500 2.5 0.2400 2.5 0.0000
21.9675
00
1.8 3.7210 1.5 2.2200 1.5 0.1370 1.8 0.0000
10.2333
Record from mono microphone
01 11110000000 11 R32, MICBOOST=11; 3.3 5.2900 3.3 6.5000 3.3 0.3220 3.3 0.0000
39.9696
(differential)
01
R23, DATSEL=01;
2.5 4.5600 2.5 4.2700 2.5 0.2400 2.5 0.0000
22.6750
00
R32, INSEL=11
1.8 3.9000 1.5 2.2200 1.5 0.1380 1.8 0.0000
10.5570
Record & Playback
01 11111110000 11
3.3
TBD
3.3
TBD
3.3
TBD
3.3
TBD
TBD
01
2.5
TBD
2.5
TBD
2.5
TBD
2.5
TBD
TBD
00
1.8
TBD
1.5
TBD
1.5
TBD
1.8
TBD
TBD
Record & Playback
01 11111110011 11
3.3
TBD
3.3
TBD
3.3
TBD
3.3
TBD
TBD
(64x oversampling mode)
01
2.5
TBD
2.5
TBD
2.5
TBD
2.5
TBD
TBD
00
1.8
TBD
1.5
TBD
1.5
TBD
1.8
TBD
TBD
DBVDD
HPVDD
R24
R25 (19h)
R26 (1Ah)
AVDD
DCVDD
Table 1 Supply Current Consumption
Notes:
1.
All figures are at TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 12.288 MHz (256fs), with zero signal (quiescent)
2.
The power dissipated in the headphone or speaker is not included in the above table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com