Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Preliminary Technical Data
WM8972L
w
PTD Rev 2.2 June 2004
13
DEVICE DESCRIPTION
INTRODUCTION
The WM8972L is a low power audio CODEC offering a combination of high quality audio, advanced
features, low power and small size. These characteristics make it ideal for portable digital audio
applications such as digital still cameras and toys.
The device includes two differential analogue inputs that can be switched internally. Each can be
used as either a line level input or microphone input and INPUT1+/INPUT1- and INPUT2+/INPUT2-
can be configured as mono differential inputs. A programmable gain amplifier with automatic level
control (ALC) keeps the recording volume constant. The on-chip ADC and DAC are of a high quality
using a multi-bit, low-order oversampling architecture to deliver optimum performance with low power
consumption.
The DAC output signal first enters an analogue mixer where an analogue input and/or the post-ALC
signal can be added to it.
The WM8972L has a configurable digital audio interface where ADC data can be read and digital
audio playback data fed to the DAC. It supports a number of audio data formats including I
2S, DSP
Mode (a burst mode in which frame sync plus 2 data packed words are transmitted), MSB-First, left
justified and MSB-First and right justified. It can operate in master or slave modes.
The WM8972L uses a unique clocking scheme that can generate many commonly used audio
sample rates from either a 12.00MHz USB clock or an industry standard 256/384 fs clock. This
feature eliminates the common requirement for an external phase-locked loop (PLL) in applications
where the master clock is not an integer multiple of the sample rate. Sample rates of 8kHz,
11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz, 88.2kHz and 96kHz can be
generated. The digital filters used for recording and playback are optimised for each sampling rate
used.
To allow full software control over all its features, the WM8972L offers a choice of 2 or 3 wire MPU
control interface. It is fully compatible with and an ideal partner for a wide range of industry standard
microprocessors, controllers and DSPs.
The design of the WM8972L has given much attention to power consumption without compromising
performance. It operates at very low voltages, and includes the ability to power off parts of the
circuitry under software control, including standby and power off modes.
INPUT SIGNAL PATH
The input signal path for each channel consists of a switch to select between two analogue inputs,
followed by a PGA (programmable gain amplifier) and an optional microphone gain boost. A
differential input of either (INPUT1+ – INPUT1-) or (INPUT2+ – INPUT2-) may also be selected. The
gain of the PGA can be controlled either by the user or by the on-chip ALC function (see Automatic
Level Control). The signal then enters an ADC where it is digitised.
SIGNAL INPUTS
The WM8972L has two sets of high impedance, low capacitance AC coupled analogue inputs,
INPUT1+/INPUT1- and INPUT2+/INPUT2-. Inputs can be configured as microphone or line level by
enabling or disabling the microphone gain boost.
The INSEL control bits (see Table 2) are used to select independently between external inputs and
internally generated differential products. The choice of differential signal, INPUT1+ – INPUT1- or
INPUT2+ – INPUT2- is made using DS (refer to Table 3).
As an example, the WM8972 can be set up to convert one differential input and route a single ended
signal through the bypass path to the output mixing stage. This is done by applying the differential
signal to INPUT1+ and INPUT1- and the single ended signal to INPUT2-. By setting DS to INPUT1+
and INPUT1- (see Table 3) and +/-MIXSEL to INPUT2+/-, each mono signal can be routed
separately.
The inputs can also be configured as BEEP inputs by selecting the bypass path directly to the output
mixing stage. Two BEEP inputs are available if the bypass mode is not used for audio signals,
otherwise one BEEP input is available.
The signal inputs are biased internally to the reference voltage VREF. Whenever the line inputs are
muted or the device placed into standby mode, the inputs are kept biased to VREF using special
anti-thump circuitry. This reduces any audible clicks that may otherwise be heard when changing
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com