Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Preliminary Technical Data
WM8972L
w
PTD Rev 2.2 June 2004
21
OUTPUT SIGNAL PATH
The WM8972L output signal paths consist of digital filters, a DAC, analogue mixers and output
drivers. The digital filters and DAC are enabled when the WM8972L is in ‘playback only’ or ‘record
and playback’ mode. The mixers and output drivers can be separately enabled by individual control
bits (see Analogue Outputs). Thus it is possible to utilise the analogue mixing and amplification
provided by the WM8972L, irrespective of whether the DAC is running or not.
The WM8972L receives digital input data on the DACDAT pin. The digital filter block processes the
data to provide the following functions:
Digital volume control
Graphic equaliser and Dynamic Bass Boost
Sigma-Delta Modulation
A high performance sigma-delta audio DAC converts the digital data into two analogue signals (left
and right). These can then be mixed with analogue signals from the INPUT1+/2+ and INPUT1-/2-
pins, and the mix is fed to the output drivers, OUT+/OUT-, OUT2 and MONOOUT.
OUT2: can drive a 16
Ω or 32Ω headphone or line output.
OUT+/OUT-: can drive a 16
Ω or 32Ω headphone or line output, or an 8Ω mono speaker.
MONOOUT: can drive a mono line output or other load down to 10k
DIGITAL DAC VOLUME CONTROL
The signal volume from the DAC can be controlled digitally, in the same way as the ADC volume
(see Digital ADC Volume Control). The gain and attenuation range is –127dB to 0dB in 0.5dB steps.
The level of attenuation for an eight-bit code X is given by:
0.5
× (X-255) dB for 1 ≤ X ≤ 255;
MUTE for X = 0
The DVU control bit controls the loading of digital volume control data. When DVU is set to 0, the
DACVOL control data is loaded into an intermediate register, but the actual gain does not change.
The gain settings are updated simultaneously when DVU is set to 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
DVU
0
DAC Volume Update
0 = Store DACVOL in intermediate
latch (no gain change)
1 = Update gains
R10 (0Ah)
Digital Volume
7:0
DACVOL
[7:0]
11111111
( 0dB )
DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Table 10 Digital Volume Control
GRAPHIC EQUALISER
The WM8972L has a digital graphic equaliser and adaptive bass boost function. This function
operates on digital audio data before it is passed to the audio DAC. Bass enhancement can take two
different forms:
Linear bass control: bass signals are amplified or attenuated by a user programmable
gain. This is independent of signal volume, and very high bass gains on loud signals
may lead to signal clipping.
Adaptive bass boost: The bass volume is amplified by a variable gain. When the bass
volume is low, it is boosted more than when the bass volume is high. This method is
recommended because it prevents clipping, and usually sounds more pleasant to the
human ear.
Treble control applies a user programmable gain, without any adaptive boost function. Bass and
treble control are completely independent with separately programmable gains and filter
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com