Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Preliminary Technical Data
WM8972L
w
PTD Rev 2.2 June 2004
17
DIGITAL ADC VOLUME CONTROL
The output of the ADC can be digitally amplified or attenuated over a range from –97dB to +30dB in
0.5dB steps. The gain for a given eight-bit code X is given by:
0.5
× (X-195) dB for 1 ≤ X ≤ 255;
MUTE for X = 0
The AVU control bit controls the loading of digital volume control data. When AVU is set to 0, the
ADCVOL control data will be loaded into the control register, but will not actually change the digital
gain setting. Gain settings are updated when AVU is set to 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
ADCVOL
[7:0]
11000011
( 0dB )
ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -97dB
0000 0010 = -96.5dB
... 0.5dB steps up to
1111 1111 = +30dB
R21 (15h)
ADC Digital
Volume
8
AVU
0
ADC Volume Update
0 = Store ADCVOL in intermediate
latch (no gain change)
1 = Update gains ( = ADCVOL)
Table 7 ADC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com