Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Preliminary Technical Data
WM8972L
w
PTD Rev 2.2 June 2004
27
OUT2 OUTPUT
The OUT2 pin can drive a 16
Ω or 32Ω headphone or a line output or be used as a DC reference for a
headphone output (see Headphone Output section). It can be selected to either drive out an inverted
OUT- or inverted MONOOUT for e.g. a differential output between OUT2 and MONOOUT.
OUT2SW selects the mode of operation required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Additional
Control (2)
8:7
OUT2SW
[1:0]
00
OUT2 select
00 : VREF
01 : RESERVED (Do not use)
10 : MONOOUT
11 : minus mixer output (no volume
control through -OUTVOL)
Table 20 OUT2 Select
ENABLING THE OUTPUTS
Each analogue output of the WM8972L can be separately enabled or disabled. The analogue mixer
associated with each output is powered on or off along with the output pin. All outputs are disabled by
default. To save power, unused outputs should remain disabled.
Outputs can be enabled at any time, except when VREF is disabled (VR=0), as this may cause pop
noise (see “Power Management” and “Applications Information” sections)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
OUT+
0
OUT+ Enable
3
OUT-
0
OUT- Enable
2
MONO
0
MONOOUT Enable
R26 (1Ah)
Power
Management
(2)
1
OUT2
0
OUT2 Enable
Table 21 Analogue Output Control
Whenever an analogue output is disabled, it remains connected to VREF (pin 20) through a resistor.
This helps to prevent pop noise when the output is re-enabled. The resistance between VREF and
each output can be controlled using the VROI bit in register 27. The default is low (1.5k
Ω), so that
any capacitors on the outputs can charge up quickly at start-up. If a high impedance is desired for
disabled outputs, VROI can then be set to 1, increasing the resistance to about 40k
Ω.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Additional (1)
6
VROI
0
VREF to analogue output resistance
0: 1.5 k
Ω
1: 40 k
Ω
Table 22 Disabled Outputs to VREF Resistance
THERMAL SHUTDOWN
The speaker output can drive very large currents. To protect the WM8972L from overheating a
thermal shutdown circuit is included. If the device temperature reaches approximately 150
0C and the
thermal shutdown circuit is enabled (TSDEN = 1 ) then the speaker outputs will be disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control (1)
8
TSDEN
0
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 23 Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com