Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Preliminary Technical Data
WM8972L
w
PTD Rev 2.2 June 2004
25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
D2-MO
0
DAC to Minus Mixer
0 = Disable (Mute)
1 = Enable Path
7
+M2-MO
0
+MIXSEL Signal to Minus Mixer
0 = Disable (Mute)
1 = Enable Path
R36 (24h)
Minus Mixer
Control (1)
6:4
+M2-MOVOL
[2:0]
101
(-9dB)
+MIXSEL Signal to Minus Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
7
-M2-MO
0
-MIXSEL Signal to Minus Mixer
0 = Disable (Mute)
1 = Enable Path
R37 (25h)
Minus Mixer
Control (2)
6:4
-M2-MOVOL
[2:0]
101
(-9dB)
-MIXSEL Signal to Minus Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
Table 16 Minus Output Mixer Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
D2MO
0
DAC to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
7
+M2MO
0
+MIXSEL Signal to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
R38 (26h)
Mono Mixer
Control (1)
6:4
+M2MOVOL
[2:0]
101
(-9dB)
+MIXSEL Signal to Mono Mixer
Volume
000 = +6dB
… (3dB steps)
111 = -15dB
7
-M2MO
0
-MIXSEL Signal to Mono Mixer
0 = Disable (Mute)
1 = Enable Path
R39 (27h)
Mono Mixer
Control (2)
6:4
-M2MOVOL
[2:0]
101
(-9dB)
-MIXSEL Signal to Mono Mixer
Volume
000 = +6dB
… (3dB steps)
111 = -15dB
Table 17 Mono Output Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com