Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
20
NOISE GATE
When the signal is very quiet and consists mainly of noise, the ALC function may cause “noise
pumping”, i.e. loud hissing noise during silence periods. The WM8972L has a noise gate function
that prevents noise pumping by comparing the signal level at the INPUT1+ and/or INPUT2+ pins
against a noise gate threshold, NGTH. The noise gate cuts in when:
•
Signal level at ADC [dB] < NGTH [dB] + PGA gain [dB] + Mic Boost gain [dB]
This is equivalent to:
•
Signal level at input pin [dB] < NGTH [dB]
The ADC output can then either be muted or the PGA gain can be held constant (preventing it from
ramping up as it normally would when the signal is quiet).
The table below summarises the noise gate control register. The NGTH control bits set the noise
gate threshold with respect to the ADC full-scale range. The threshold is adjusted in 1.5dB steps.
Levels at the extremes of the range may cause inappropriate operation, so care should be taken with
set–up of the function. Note that the noise gate only works in conjunction with the ALC function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:3
NGTH
[4:0]
00000
Noise gate threshold
00000
-76.5dBfs
00001
-75dBfs
… 1.5 dB steps
11110
-31.5dBfs
11111
-30dBfs
2:1
NGG
[1:0]
00
Noise gate type
X0 = PGA gain held constant
01 = mute ADC output
11 = reserved (do not use this setting)
R20 (14h)
Noise Gate
Control
0
NGAT
0
Noise gate function enable
1 = enable
0 = disable
Table 9 Noise Gate Control
Note:
The performance of the ADC may degrade at high input signal levels if the monitor bypass mux is
selected with MIC boost and ALC enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com