Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
26
ANALOGUE OUTPUTS
OUT+/OUT- OUTPUTS
The OUT+ and OUT- output pins are independently controlled and can drive an 8
Ω mono speaker
(see Speaker Output section). For speaker drive, the OUT- signal must be inverted (OUTINV = 1), so
that the two signals are mixed to mono in the speaker [OUT+ – (-OUT-) = OUT+ + OUT-].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
+OUTVOL
[6:0]
1111001
(0dB)
OUT+ Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue MUTE
7
+OZC
0
OUT+ zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R40 (28h)
OUT+
Volume
8
+OVU
0
OUT+ Volume Update
0 = Store +OUTVOL in intermediate
latch (no gain change)
1 = Update gains
6:0
-OUTVOL
[6:0]
1111001
(0dB)
OUT- Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue MUTE
7
-OZC
0
OUT- zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R41 (29h)
OUT-
Volume
8
-OVU
0
OUT- Volume Update
0 = Store -OUTVOL in intermediate latch
(no gain change)
1 = Update gains
R24 (18h)
Additional
Control (2)
4
OUTINV
0
OUT- Invert
0 = No Inversion (0
° phase shift)
1 = Signal inverted (180
° phase shift)
Table 18 OUT+/OUT- Volume Control
MONO OUTPUT
The MONOOUT pin can drive a mono line output. The signal volume on MONOOUT can be adjusted
under software control by writing to MONOOUTVOL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
MONOOUT
VOL [6:0]
1111001
(0dB)
MONOOUT Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue MUTE
R42 (2Ah)
MONOOUT
Volume
7
MOZC
0
MONOOUT zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
Table 19 MONOOUT Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com