Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
24
OUTPUT MIXERS
The WM8972L provides the option to mix the DAC output signal with analogue line-in signals from
the INPUT1+/- or INPUT2+/- pins or a mono differential input (INPUT1+ – INPUT1-) or (INPUT2+ –
INPUT2-), selected by DS (see Table 3). The level of the mixed-in signals can be controlled with
PGA (Programmable Gain Amplifier).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R34 (22h)
Plus Mixer (1)
2:0
+MIXSEL
000
Plus Input Selection for Output Mix
000 = INPUT1+
001 = INPUT2+
011 = ADC Input (after PGA /
MICBOOST)
100 = Differential input
R36 (24h)
Minus Mixer
(1)
2:0
-MIXSEL
000
Minus Input Selection for Output Mix
000 = INPUT1-
001 = INPUT2-
011 = RESERVED (Do not use)
100 = Differential input
Table 14 Output Mixer Signal Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
D2+MO
0
DAC to Plus Mixer
0 = Disable (Mute)
1 = Enable Path
7
+M2+MO
0
+MIXSEL Signal to Plus Mixer
0 = Disable (Mute)
1 = Enable Path
R34 (22h)
Plus Mixer
Control (1)
6:4
+M2+MOVOL
[2:0]
101
(-9dB)
+MIXSEL Signal to Plus Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
7
-M2+MO
0
-MIXSEL Signal to Plus Mixer
0 = Disable (Mute)
1 = Enable Path
R35 (23h)
Plus Mixer
Control (2)
6:4
-M2+MOVOL
[2:0]
101
(-9dB)
-MIXSEL Signal to Plus Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
Table 15 Plus Output Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com