Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8972L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
w
WM8972L
Mono CODEC for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Preliminary Technical Data, June 2004, Rev 2.2
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8972L is a low power, high quality mono CODEC
designed for portable digital audio applications.
The
device
integrates
complete
interfaces
to
mono
microphones.
External
component
requirements
are
drastically reduced as no separate microphone amplifiers
are required. Advanced on-chip digital signal processing
performs graphic equaliser and automatic level control for
the microphone or line input.
The WM8972L can operate as a master or a slave, with
various master clock frequencies including 12 or 24MHz for
USB devices, or standard 256fs rates like 12.288MHz and
24.576MHz. Different audio sample rates such as 96kHz,
48kHz, 44.1kHz are generated directly from the master
clock without the need for an external PLL.
The WM8972L operates at supply voltages down to 1.8V,
although the digital core can operate at voltages down to
1.42V to save power, and the maximum for all supplies is
3.6 Volts. Different sections of the chip can also be powered
down under software control.
The WM8972L is supplied in a very small and thin 5x5mm
QFN package, ideal for use in hand-held and portable
systems.
FEATURES
•
DAC SNR 98dB (‘A’ weighted), THD –84dB at 48kHz, 3.3V
•
ADC SNR 95dB (‘A’ weighted), THD -82dB at 48kHz, 3.3V
•
Complete Mono Microphone Interface
-
Programmable ALC / Noise Gate
•
On-chip 400mW BTL Speaker Driver (mono)
•
Digital Graphic Equaliser
•
Low Power
-
7mW mono playback (1.8V / 1.5V supplies)
-
14mW record & playback (1.8V / 1.5V supplies)
•
Low Supply Voltages
-
Analogue 1.8V to 3.6V
-
Digital core: 1.42V to 3.6V
-
Digital I/O: 1.8V to 3.6V
•
256fs / 384fs or USB master clock rates: 12MHz, 24MHz
•
Audio sample rates: 8, 11.025, 16, 22.05, 24, 32, 44.1, 48,
88.2, 96kHz generated internally from master clock
•
5x5x0.9mm QFN package
APPLICATIONS
•
Digital Still Cameras
•
Toys
BLOCK DIAGRAM


Similar Part No. - WM8972L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8971L WOLFSON-WM8971L Datasheet
622Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
WM8971L WOLFSON-WM8971L Datasheet
763Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8971LEFL WOLFSON-WM8971LEFL Datasheet
622Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
WM8971LEFL/R WOLFSON-WM8971LEFL/R Datasheet
622Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
WM8971LGEFL WOLFSON-WM8971LGEFL Datasheet
622Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
More results

Similar Description - WM8972L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8971L WOLFSON-WM8971L_05 Datasheet
763Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750JL WOLFSON-WM8750JL Datasheet
561Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8973L WOLFSON-WM8973L_11 Datasheet
698Kb / 63P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8973L WOLFSON-WM8973L Datasheet
698Kb / 63P
Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com