Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 38Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 39Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 40Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Preliminary Technical Data
WM8972L
w
PTD Rev 2.2 June 2004
37
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the ADC and DAC digital filters is in 128x oversampling mode.
Under the control of ADCOSR and DACOSR the oversampling rate may be halved. This will result in
a slight decrease in noise performance but will also reduce the power consumption of the device. In
USB mode ADCOSR must be set to 0, i.e. 128x oversampling.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
ADCOSR
0
ADC oversample rate select
1 = 64x (lowest power)
0 = 128x (best SNR)
R24 (18h)
Additional Control
(2)
0
DACOSR
0
DAC oversample rate select
1 = 64x (lowest power)
0 = 128x (best SNR)
Table 34 ADC and DAC Oversampling Rate Selection
ADCOSR set to ‘1’, 64x oversample mode, is not supported in USB mode (USB = 1).
SAVING POWER AT LOW SUPPLY VOLTAGES
The analogue supplies to the WM8972L can run from 1.8V to 3.6V. By default, all analogue circuitry
on the device is optimized to run at 3.3V. This set-up is also good for all other supply voltages down
to 1.8V. However, at lower voltages, it is possible to save power by reducing the internal bias
currents used in the analogue circuitry. This is controlled as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control(1)
7:6
VSEL
[1:0]
11
Analogue Bias optimization
00: Lowest bias current, optimized for AVDD=1.8V
01: Low bias current, optimized for AVDD=2.5V
1X: Default bias current, optimized for AVDD=3.3V
Note:
In USB mode ADCOSR must be set to 0, i.e. 128x oversampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com