Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8972L Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8972L
Description  MONO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8972L Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8972L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8972L Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
WM8972L
Preliminary Technical Data
w
PTD Rev 2.2 June 2004
16
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8972L uses a multi-bit, oversampled sigma-delta ADC. The use of multi-bit feedback and
high oversampling rates reduces the effects of jitter and high frequency noise. The ADC Full Scale
input level is proportional to AVDD. With a 3.3V supply voltage, the full scale level is 1.0 Volt r.m.s.
Any voltage greater than full scale may overload the ADC and cause distortion.
ADC DIGITAL FILTER
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. The digital
filter path is illustrated in Figure 7.
FROM ADC
DIGITAL
HPF
DIGITAL
FILTER
TO DIGITAL
AUDIO
INTERFACE
DIGITAL
DECIMATOR
ADCHPD
Figure 7 ADC Digital Filter
The ADC digital filters contain a digital high pass filter, selectable via software control. The high-pass
filter response is detailed in the Digital Filter Characteristics section. When the high-pass filter is
enabled the dc offset is continuously calculated and subtracted from the input signal. By setting
HPOR, the last calculated dc offset value is stored when the high-pass filter is disabled and will
continue to be subtracted from the input signal.
If the DC offset is changed, the stored and
subtracted value will not change unless the high-pass filter is enabled. This feature can be used for
calibration purposes.
The output data format can be programmed by the user. The polarity of the output signal can also be
changed under software control. The software control is shown in Table 6.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
ADCPOL
0
0 = Polarity not inverted
1 = Polarity invert
4
HPOR
0
Store dc offset when High Pass
Filter disabled
1 = store offset
0 = clear offset
R5 (05h)
ADC and DAC
Control
0
ADCHPD
0
ADC High Pass Filter Enable
(Digital)
1 = Disable High Pass Filter
0 = Enable High Pass Filter
Table 6 ADC Signal Path Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com