Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT41532 Datasheet (PDF) - Agilent(Hewlett-Packard)

AT41532 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AT41532
Download  AT41532 Download
File Size   146.83 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description NPN SILICON TRANSISTOR

AT41532 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT41532 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AT41532
Download  AT41532 Click to download

File Size   146.83 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description NPN SILICON TRANSISTOR

AT41532 Datasheet (HTML) - Agilent(Hewlett-Packard)


AT41532 Product details

Description
Agilent’s AT-41532 is a general purpose NPN bipolar transistor that has been optimized for maximum ft at low voltage operation, making it ideal for use in battery powered applications in cellular/PCS and other wireless markets. The AT-41532 uses the miniature 3-lead SOT-323 (SC-70) plastic package.

Features
• General Purpose NPN Bipolar Transistor Optimized for Low Current, Low Voltage Applications at 900 MHz, 1.8 GHz, and 2.4 GHz
• Performance (5 V, 5 mA) 0.9 GHz: 1 dB NF, 15.5 dB GA 1.8 GHz: 1.4 dB NF, 10.5 dB GA 2.4 GHz: 1.9 dB NF, 9 dB GA
• Characterized for 3, 5, and 8 V Use
• Miniature 3-lead SOT-323 (SC-70) Plastic Package
• High Breakdown Voltage (can be operated up to 10 V)

Applications
• LNA, Oscillator, Driver Amplifier, Buffer Amplifier, and Down Converter for Cellular and PCS Handsets and Cordless Telephones
• LNA, Oscillator, Mixer, and Gain Amplifier for Pagers
• Power Amplifier and Oscillator for RF-ID Tag
• LNA and Gain Amplifier for GPS
• LNA for CATV Set-Top Box




Similar Part No. - AT41532

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AT41532 ISC-AT41532 Datasheet
276Kb / 3P
isc Silicon NPN Power Transistor
More results


Similar Description - AT41532

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com