Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT41532 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # AT41532
Description  NPN SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41532 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button AT41532 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
AT-41532 Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, VCE = 2.7 V, IC = 5 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.5
0.400
-102
17.03
7.106
106
-25.97
0.050
59
0.671
-22
0.75
0.312
-130
14.15
5.101
91
-23.86
0.064
60
0.615
-24
1.0
0.270
-152
11.97
3.969
80
-22.09
0.079
61
0.588
-25
1.5
0.247
175
8.82
2.762
64
-19.10
0.111
63
0.564
-30
2.0
0.253
149
6.67
2.154
50
-16.60
0.148
62
0.553
-37
3.0
0.280
112
3.86
1.559
26
-12.48
0.238
55
0.535
-54
4.0
0.323
80
2.07
1.269
6
-9.19
0.347
43
0.514
-75
5.0
0.379
55
0.80
1.097
-12
-6.55
0.471
27
0.472
-99
6.0
0.434
38
-0.13
0.986
-28
-4.50
0.595
9
0.398
-130
7.0
0.480
24
-0.72
0.920
-43
-2.96
0.711
-11
0.309
-174
8.0
0.522
10
-1.20
0.871
-58
-2.07
0.788
-32
0.299
131
9.0
0.557
-5
-1.64
0.828
-72
-1.73
0.820
-53
0.366
87
10.0
0.595
-19
-2.17
0.779
-87
-1.86
0.808
-73
0.449
55
11.0
0.662
-29
-2.38
0.761
-99
-2.43
0.756
-92
0.533
27
12.0
0.709
-39
-3.56
0.664
-115
-3.03
0.705
-107
0.633
3
Figure 11. Gain vs. Frequency at
2.7 V, 5 mA.
Note: dB(|S 21|) = 20 * log(|S21|)
AT-41532 Typical Noise Parameters,
Common Emitter, ZO = 50 Ω, VCE = 2.7 V, IC = 5 mA
Freq.
Fmin
Rn
Gassoc
GHz
dB
Mag
Ang
ohms
dB
0.9
1.2
0.283
106
7.3
14.0
1.8
1.4
0.41
-165
3.9
10.7
2.0
1.5
0.44
-151
4.8
9.8
2.5
1.7
0.53
-126
9.2
8.5
3.0
1.9
0.60
-106
18.4
7.5
3.5
2.2
0.67
-86
35.0
6.6
4.0
2.5
0.71
-69
58.0
5.8
Γ
opt
gmax
dB(S|2,1|)
k
-5
25
15
20
5
0
10
02
13
4
56
0
1.2
0.8
1
0.2
0.4
0.6
FREQUENCY (GHz)
gmax = maximum available gain (MAG) if k > 1
gmax = maximum stable gain (MSG) if k < 1
k = stability factor
MAG =
S21
(k
± √k2–1)
S12
MSG = |S21|/ |S12|
k =
1 – |S11|
2 – |S
22|
2 + |D|2
; D = S11S22 – S12S21
2 *|S12||S21|
88759/04-7PM6.0J
2001.04.25, 7:58 PM
Page 6
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com