Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT41532 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # AT41532
Description  NPN SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41532 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  AT41532 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT41532 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
AT-41532 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VEBO
Emitter-Base Voltage
V
1.5
VCBO
Collector-Base Voltage
V
20
VCEO
Collector-Emitter Voltage
V
12
IC
Collector Current
mA
50
PT
Power Dissipation[2,3]
mW
225
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Electrical Specifications,
TA = 25°C
Symbol
Parameters and Test Conditions
Units
Min
Typ
Max
hFE
Forward Current Transfer Ratio
VCE = 5 V
-
30
150
270
IC = 5 mA
ICBO
Collector Cutoff Current
VCB = 3 V
mA
0.2
IEBO
Emitter Cutoff Current
VEB = 1 V
mA
1.0
Thermal Resistance:[2]
θ
jc = 350°C/W
Characterization Information,
TA = 25°C
Symbol
Parameters and Test Conditions
Units
Min
Typ
NF
Noise Figure
f = 0.9 GHz
dB
1.0
f = 1.8 GHz
1.4
VCE = 5 V, IC = 5 mA
f = 2.4 GHz
1.9
GA
Associated Gain
f = 0.9 GHz
dB
15.5
f = 1.8 GHz
10.5
VCE = 5 V, IC = 5 mA
f = 2.4 GHz
9.0
P1dB
Power at 1 dB Gain Compression (opt tuning)
f = 0.9 GHz
dBm
14.5
VCE = 5 V, IC = 25 mA
G1dB
Gain at 1 dB Gain Compression (opt tuning)
f = 0.9 GHz
dB
14.5
VCE = 5 V, IC = 25 mA
IP3
Output Third Order Intercept Point,
f = 0.9 GHz
dBm
25
VCE = 5 V, IC =25 mA (opt tuning)
|S21E|2
Gain in 50
Ω system; V
CE = 5 V, IC = 5 mA
f = 0.9 GHz
dB
12.5
13.25
f = 2.4 GHz
5.2
注 1:これらのパラメータのいずれかを超
える状態でデバイスを動作させる
と、永久的な損傷を受ける可能性
があります。
注 2:TMOUNTING SURFACE=25℃。
注 3:TC>72℃の場合は、2.86mW/℃の割
合で定格を下げてください。
88759/04-7PM6.0J
2001.04.25, 7:58 PM
Page 2
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com