Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ1082 Datasheet (PDF) - List of Unclassifed Manufacturers

PJ1082 Datasheet PDF - List of Unclassifed Manufacturers
Part # PJ1082
Download  PJ1082 Download
File Size   278.71 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 10 Amp Low Dropout Positive Voltage Regulator

PJ1082 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ1082 Datasheet PDF - List of Unclassifed Manufacturers

Part # PJ1082
Download  PJ1082 Click to download

File Size   278.71 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 10 Amp Low Dropout Positive Voltage Regulator

PJ1082 Datasheet (HTML) - List of Unclassifed Manufacturers


PJ1082 Product details

[PROMAX-JOHNTON]

10 Amp Low Dropout Positive Voltage Regulator

The PJ1082 Series of high performance positive voltage regulators are designed for applications requiring low dropout performance at full rated current, Additionally, the PJ1082 Series provide excellent regulation over variations due to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device. The PJ1082 Series are three terminal regulators with fixedand adjustable voltage options available in popular packages.

FEATURES
• Low dropout voltage 1.3V max.
•  Full current rating over line and temperature
• Fast transient response
• Total output regulation ±2% over line, load and temperature
• Adjust pin current max 120 µA over temperature
• Line regulation typical 0.015%.
• Load regulation typical 0.05%.
• Fixed/adjustable output voltage
• TO-220 package




Similar Part No. - PJ1082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
5 Amp Low Dropout Positive Voltage Regulator
logo
Hammond Manufacturing L...
PJ1084 HAMMOND-PJ1084 Datasheet
186Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
List of Unclassifed Man...
PJ1084CF ETC-PJ1084CF Datasheet
308Kb / 7P
5 Amp Low Dropout Positive Voltage Regulator
PJ1084CF-2.5 ETC-PJ1084CF-2.5 Datasheet
308Kb / 7P
5 Amp Low Dropout Positive Voltage Regulator
PJ1084CF-3.3 ETC-PJ1084CF-3.3 Datasheet
308Kb / 7P
5 Amp Low Dropout Positive Voltage Regulator
More results


Similar Description - PJ1082

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1585D SEMTECH-EZ1585D Datasheet
90Kb / 4P
6.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
3 Amp Low Dropout Positive Voltage Regulator
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
5 Amp Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1082 TSC-TS1082 Datasheet
197Kb / 6P
10 Amp Low Dropout Positive Voltage Regulator
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
7.5 Amp Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
1 Amp Low Dropout Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com