Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ1585D Datasheet (PDF) - Semtech Corporation

EZ1585D Datasheet PDF - Semtech Corporation
Part # EZ1585D
Download  EZ1585D Download
File Size   90.55 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 6.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATOR

EZ1585D Datasheet (PDF)

Go To PDF Page Download Datasheet
EZ1585D Datasheet PDF - Semtech Corporation

Part # EZ1585D
Download  EZ1585D Click to download

File Size   90.55 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 6.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATOR

EZ1585D Datasheet (HTML) - Semtech Corporation


EZ1585D Product details

DESCRIPTION
The EZ1585D is a high performance positive voltage regulator designed for use in applications requiring low dropout performance at full rated current. Additionally, the EZ1585D provides excellent regulation over variations in line, load and temperature.

FEATURES
• Low dropout performance, 1.3V max.
• Full current rating over line and temperature
• Fast transient response
• ±1.5% total output regulation over line, load and temperature
• Adjust pin current max. 100µA over temperature
• Adjustable output voltage
• Line regulation typically 0.015%
• Load regulation typically 0.05%
• TO-220 package

APPLICATIONS
• Pentium® Processor supplies




Similar Part No. - EZ1585D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1585 SEMTECH-EZ1585 Datasheet
113Kb / 5P
4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585B SEMTECH-EZ1585B Datasheet
69Kb / 4P
5.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585BCT SEMTECH-EZ1585BCT Datasheet
69Kb / 4P
5.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585C SEMTECH-EZ1585C Datasheet
156Kb / 6P
4.6 Amp Positive Voltage Regulator
EZ1585CM SEMTECH-EZ1585CM Datasheet
113Kb / 5P
4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
More results


Similar Description - EZ1585D

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
3 Amp Low Dropout Positive Voltage Regulator
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
5 Amp Low Dropout Positive Voltage Regulator
PJ1082 ETC-PJ1082 Datasheet
278Kb / 6P
10 Amp Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1082 TSC-TS1082 Datasheet
197Kb / 6P
10 Amp Low Dropout Positive Voltage Regulator
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
7.5 Amp Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
1 Amp Low Dropout Positive Voltage Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com