Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1042I Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TUSB1042I Datasheet PDF - Texas Instruments
Part # TUSB1042I
Download  TUSB1042I Download
File Size   1568.71 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description USB Type-C 10 Gbps 2:1 Linear Redriver Switch

TUSB1042I Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1042I Datasheet PDF - Texas Instruments

Part # TUSB1042I
Download  TUSB1042I Click to download

File Size   1568.71 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description USB Type-C 10 Gbps 2:1 Linear Redriver Switch

TUSB1042I Datasheet (HTML) - Texas Instruments




Similar Part No. - TUSB1042I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI2-TUSB1042I Datasheet
1Mb / 39P
TUSB1042I USB Type-C™ 10 Gbps 2:1 Linear Redriver Switch
REVISED MAY 2019
TUSB1042IRNQR TI1-TUSB1042IRNQR Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042IRNQR TI2-TUSB1042IRNQR Datasheet
1Mb / 39P
TUSB1042I USB Type-C™ 10 Gbps 2:1 Linear Redriver Switch
REVISED MAY 2019
TUSB1042IRNQR.B TI2-TUSB1042IRNQR.B Datasheet
1Mb / 39P
TUSB1042I USB Type-C™ 10 Gbps 2:1 Linear Redriver Switch
REVISED MAY 2019
More results


Similar Description - TUSB1042I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com