Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9200WC Datasheet (PDF) - Advanced Crystal Technology

9200WC Datasheet PDF - Advanced Crystal Technology
Part # 9200WC
Download  9200WC Download
File Size   210.15 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Clock oscillator 32.768kHz

9200WC Datasheet (PDF)

Go To PDF Page Download Datasheet
9200WC Datasheet PDF - Advanced Crystal Technology

Part # 9200WC
Download  9200WC Click to download

File Size   210.15 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Clock oscillator 32.768kHz

9200WC Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 9200WC

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9200 COTO-9200 Datasheet
307Kb / 2P
Surface Mount Reed Relays
logo
B&K Precision Corporati...
9200 BK-9200 Datasheet
2Mb / 4P
Multi-Range Programmable DC Power Supplies
logo
Cisco Systems, Inc.
9200 CISCO-9200 Datasheet
1Mb / 54P
Cisco Catalyst 9200 Series Switches
2023
logo
Spectrum Microwave, Inc...
9200-303-0095 SPECTRUM-9200-303-0095 Datasheet
313Kb / 16P
Hermetically Sealed Threaded Case Filters
logo
API Technologies Corp
9200-303-0095 APITECH-9200-303-0095 Datasheet
39Kb / 1P
LOW Pass EMI Filter
More results


Similar Description - 9200WC

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XO64 EUROQUARTZ-XO64 Datasheet
248Kb / 1P
32.768kHz Low Power Clock Oscillator
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Abracon Corporation
ASH7K-32.768KHZ-T ABRACON-ASH7K-32.768KHZ-T Datasheet
1Mb / 3P
32.768kHz SMD CRYTAL OSCILLATOR
12.27.11
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
logo
Advanced Crystal Techno...
9225WC ACT-9225WC Datasheet
175Kb / 2P
32.768kHz Clock oscillator
01/02/2017
9300WC ACT-9300WC Datasheet
196Kb / 2P
Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
1/2/2017
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Golledge Electronics Lt...
GAO-3201 GOLLEDGE-GAO-3201_18 Datasheet
580Kb / 5P
1.8~5.0V 32.768kHz Oscillator
logo
Fox Electronics
O1HK FOX-O1HK Datasheet
251Kb / 6P
2.0x1.6mm 32.768kHz SMD Oscillator
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com