Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9225WC Datasheet (PDF) - Advanced Crystal Technology

9225WC Datasheet PDF - Advanced Crystal Technology
Part # 9225WC
Download  9225WC Download
File Size   175.69 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 32.768kHz Clock oscillator

9225WC Datasheet (PDF)

Go To PDF Page Download Datasheet
9225WC Datasheet PDF - Advanced Crystal Technology

Part # 9225WC
Download  9225WC Click to download

File Size   175.69 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 32.768kHz Clock oscillator

9225WC Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 9225WC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
92251 SCHNEIDER-92251 Datasheet
152Kb / 2P
Safety switch, double through, non fusible, 30 A, 240 V, 2 poles, NEMA 1, fuse class T4
Jun 24, 2021
More results


Similar Description - 9225WC

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XO64 EUROQUARTZ-XO64 Datasheet
248Kb / 1P
32.768kHz Low Power Clock Oscillator
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Abracon Corporation
ASH7K-32.768KHZ-T ABRACON-ASH7K-32.768KHZ-T Datasheet
1Mb / 3P
32.768kHz SMD CRYTAL OSCILLATOR
12.27.11
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
logo
Advanced Crystal Techno...
9200WC ACT-9200WC Datasheet
210Kb / 2P
Clock oscillator 32.768kHz
01/02/2017
9300WC ACT-9300WC Datasheet
196Kb / 2P
Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
1/2/2017
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Golledge Electronics Lt...
GAO-3201 GOLLEDGE-GAO-3201_18 Datasheet
580Kb / 5P
1.8~5.0V 32.768kHz Oscillator
logo
Fox Electronics
O1HK FOX-O1HK Datasheet
251Kb / 6P
2.0x1.6mm 32.768kHz SMD Oscillator
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com