Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet (PDF) - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
File Size   1351.8 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet (PDF) - Dialog Semiconductor



Similar Part No. - DA9213

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
DA9213 RENESAS-DA9213 Datasheet
1Mb / 62P
Multi-Phase 5 A/Phase DC-DC Buck Converter
Nov 03, 2025
logo
Dialog Semiconductor
DA9213-A DIALOG-DA9213-A Datasheet
1Mb / 62P
Auto Grade Multi-Phase 5A/Phase Buck Converter
logo
Renesas Technology Corp
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
DA9213-A RENESAS-DA9213-A Datasheet
2Mb / 62P
Auto Grade Multi-Phase 5 A / Phase Buck Converter
Nov 14, 2025
More results


Similar Description - DA9213

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210 Datasheet
3Mb / 90P
Multi-Phase 12 A DC-DC Buck Converter
DA9210 DIALOG-DA9210_16 Datasheet
2Mb / 92P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
DA9213-A DIALOG-DA9213-A Datasheet
1Mb / 62P
Auto Grade Multi-Phase 5A/Phase Buck Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Renesas Technology Corp
DA9210 RENESAS-DA9210 Datasheet
2Mb / 98P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
28-Feb-2022
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com