Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD230 Datasheet (PDF) - Custom MMIC Design Services, Inc.

Part # CMD230
Description  DC-26 GHz SPDT Switch
File Size   252.88 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD230 Datasheet (PDF) - Custom MMIC Design Services, Inc.



Similar Part No. - CMD230

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD230 APITECH-CMD230 Datasheet
131Kb / 2P
PCS Duplexer
More results


Similar Description - CMD230

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW20000 MACOM-MASW20000 Datasheet
87Kb / 2P
GaAs SPDT Switch DC - 20 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-224-PIN MACOM-SW-224-PIN Datasheet
126Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
logo
Hexawave, Inc
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS468 HW-HWS468 Datasheet
141Kb / 2P
GaAs DC-6 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MA-COM-SW-226-PIN Datasheet
87Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com