Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5052 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5052
Description  Synchronous step-down lithium battery charging circuit
File Size   793.69 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5052 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd



Similar Part No. - HM5052

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5052B HMSEMI-HM5052B Datasheet
627Kb / 11P
3A synchronous step-down lithium battery charging IC
More results


Similar Description - HM5052

ManufacturerPart #DatasheetDescription
logo
Jingjing Microelectroni...
EG4321 EGMICRO-EG4321 Datasheet
562Kb / 14P
Lithium battery charging chip
logo
Shenzhen Huazhimei Semi...
HM5152 HMSEMI-HM5152 Datasheet
838Kb / 10P
Single-cell lithium battery synchronous switch step-down charging IC
HM1802 HMSEMI-HM1802 Datasheet
1Mb / 21P
Synchronous switching type 2A lithium battery charging
HM1804 HMSEMI-HM1804 Datasheet
2Mb / 22P
Low cost synchronous 3A lithium battery charging
HM5052B HMSEMI-HM5052B Datasheet
627Kb / 11P
3A synchronous step-down lithium battery charging IC
HN5152 HMSEMI-HN5152 Datasheet
838Kb / 10P
Single-cell lithium battery synchronous switch step-down charging IC
HM4055C HMSEMI-HM4055C Datasheet
346Kb / 10P
2.4V lithium battery charging
HM4050C HMSEMI-HM4050C Datasheet
742Kb / 11P
2A synchronous step-down lithium battery charging circuit
HM5064 HMSEMI-HM5064 Datasheet
1Mb / 11P
High withstand voltage 2.5A synchronous step-down lithium battery charger
logo
Injoinic Technology Co....
IP2365 INJOINIC-IP2365 Datasheet
1Mb / 20P
1~4 string lithium battery/lithium ion battery step-down charging IC
V1.0 2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com