Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFUV1703 Datasheet (PDF) - Qorvo, Inc

Part # RFUV1703
Description  21 GHz to 26.5 GHz GaAs MMIC IQ Upco
File Size   1351.14 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFUV1703 Datasheet (PDF) - Qorvo, Inc



Similar Part No. - RFUV1703

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
RFUV1703PCBA-410 RFMD-RFUV1703PCBA-410 Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
RFUV1703S2 RFMD-RFUV1703S2 Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
RFUV1703SB RFMD-RFUV1703SB Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
RFUV1703SQ RFMD-RFUV1703SQ Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
More results


Similar Description - RFUV1703

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA026P2-00 ALPHA-AA026P2-00 Datasheet
170Kb / 2P
23.5-26.5 GHz GaAs MMIC Power Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-2027 HP-HMMC-2027 Datasheet
77Kb / 6P
DC-26.5 GHz SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC712LP3CE HITTITE-HMC712LP3CE Datasheet
331Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Analog Devices
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Marki Microwave
MEQ3-26AS MARKIMICROWAVE-MEQ3-26AS Datasheet
297Kb / 6P
Passive GaAs MMIC 26.5 GHz Equalizer
MEQ6-26AS MARKIMICROWAVE-MEQ6-26AS Datasheet
288Kb / 6P
Passive GaAs MMIC 26.5 GHz Equalizer
MEQ10-26AS MARKIMICROWAVE-MEQ10-26AS Datasheet
298Kb / 6P
Passive GaAs MMIC 26.5 GHz Equalizer
logo
Analog Devices
HMC7912 AD-HMC7912 Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
HMC815B AD-HMC815B Datasheet
551Kb / 30P
21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
1/2018-Revision 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com