Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4308 Datasheet (PDF) - Peregrine Semiconductor Corp.

Part # 4308
Description  75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
File Size   519.19 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4308 Datasheet (PDF) - Peregrine Semiconductor Corp.



Similar Part No. - 4308

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
43088 WIHA-43088 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
43089 WIHA-43089 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
logo
Chicago Miniature Lamp,...
4308H CML-4308H Datasheet
24Kb / 1P
Solid State LED Lamps-Ultra Brite 240 mcd (red) T-1 3/4 (5mm)
logo
Visual Communications C...
4308H VCC-4308H Datasheet
55Kb / 1P
Solid State LED Lamps-Ultra Brite 240 mcd (red) T-1 3/4 (5mm)
logo
Bourns Electronic Solut...
4308H-LF BOURNS-4308H-LF Datasheet
67Kb / 1P
Networks
More results


Similar Description - 4308

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com