Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVTT Datasheet (PDF) - Schurter Inc.

Part # AVTT
Description  Radial Leaded Varistor
File Size   885.01 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AVTT Datasheet (PDF) - Schurter Inc.



Similar Part No. - AVTT_V01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AVTT SCHURTER-AVTT Datasheet
864Kb / 6P
Radial Leaded Varistor (MOV), 390 - 1000 VAC, 500 - 1200 VDC
More results


Similar Description - AVTT_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6921ZOV110RA04 ETC2-D6921ZOV110RA04 Datasheet
39Kb / 2P
14mm Varistor Radial Leaded
logo
Schurter Inc.
AVTP SCHURTER-AVTP Datasheet
1Mb / 8P
Radial Leaded Varistor (MOV), 120 - 360 VAC, 160 - 470 VDC
AVTS SCHURTER-AVTS Datasheet
998Kb / 7P
Radial Leaded Varistor (MOV), 11 - 95 VAC, 14 - 127 VDC
AVTT SCHURTER-AVTT Datasheet
864Kb / 6P
Radial Leaded Varistor (MOV), 390 - 1000 VAC, 500 - 1200 VDC
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
logo
Stackpole Electronics, ...
AVL SEI-AVL Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
CVH SEI-CVH Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
ZVL SEI-ZVL Datasheet
1Mb / 6P
Low Voltage Leaded Varistor
02/15/2021
logo
UN Semiconducctor INC
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com