Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1K Datasheet (PDF) - Microsemi Corporation

Part # PFD1K
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
File Size   1842.99 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1K Datasheet (PDF) - Microsemi Corporation



Similar Part No. - PFD1K

ManufacturerPart #DatasheetDescription
logo
ETA-USA
PFD12SX-U1 ETA-USA-PFD12SX-U1 Datasheet
1Mb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 120 WATTS
logo
Sumida Corporation
PFD1617 SUMIDA-PFD1617 Datasheet
125Kb / 1P
AC COMMON MODE COIL
PFD1617NP-B102 SUMIDA-PFD1617NP-B102 Datasheet
125Kb / 1P
AC COMMON MODE COIL
PFD1617NP-B123 SUMIDA-PFD1617NP-B123 Datasheet
125Kb / 1P
AC COMMON MODE COIL
PFD1617NP-B172 SUMIDA-PFD1617NP-B172 Datasheet
125Kb / 1P
AC COMMON MODE COIL
More results


Similar Description - PFD1K

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40800 ZARLINK-ZL40800 Datasheet
419Kb / 12P
6 GHz Fixed Modulus Prescalers
logo
Cypress Semiconductor
CYW2330 CYPRESS-CYW2330 Datasheet
228Kb / 13P
Dual Serial Input PLL with 2.5-GHz and 600-MHz Prescalers
CYW2331 CYPRESS-CYW2331 Datasheet
259Kb / 12P
Dual Serial Input PLL with 2.0-GHz and 600-MHz Prescalers
CYW2338 CYPRESS-CYW2338 Datasheet
262Kb / 12P
Dual Serial Input PLL with 2.5- and 1.1-GHz Prescalers
logo
List of Unclassifed Man...
FS8160 ETC1-FS8160 Datasheet
250Kb / 13P
1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
logo
ATMEL Corporation
ATR7039 ATMEL-ATR7039 Datasheet
219Kb / 8P
2.9 GHz to 5.8 GHz SiGe Frequency Doubler IC
logo
Hittite Microwave Corpo...
HMC403S8G HITTITE-HMC403S8G_03 Datasheet
258Kb / 8P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, DC - 1.3 GHz
HMC403S8G HITTITE-HMC403S8G_10 Datasheet
182Kb / 8P
HBT DIGITAL PHASE-FREQUENCY DETECTOR, DC - 1.3 GHz
logo
Pasternack Enterprises,...
PE15A3016 PASTERNACK-PE15A3016 Datasheet
450Kb / 4P
2 GHz to 8 GHz Frequency Range
PE80T1002 PASTERNACK-PE80T1002 Datasheet
395Kb / 6P
Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com