Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1K Datasheet(PDF) 3 Page - Microsemi Corporation

Part # PFD1K
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1K Datasheet(HTML) 3 Page - Microsemi Corporation

  PFD1K Datasheet HTML 1Page - Microsemi Corporation PFD1K Datasheet HTML 2Page - Microsemi Corporation PFD1K Datasheet HTML 3Page - Microsemi Corporation PFD1K Datasheet HTML 4Page - Microsemi Corporation PFD1K Datasheet HTML 5Page - Microsemi Corporation PFD1K Datasheet HTML 6Page - Microsemi Corporation PFD1K Datasheet HTML 7Page - Microsemi Corporation PFD1K Datasheet HTML 8Page - Microsemi Corporation PFD1K Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K
Overview:
The functional block diagram for the PFD1K is shown above. It contains two parallel programmable
prescalers which frequency divide the reference and VCO inputs to the phase frequency detector.
Reference input divide ratio R is determined as follows:
R = R6 * 26 + R5 * 25 + R4 * 24 + R3 * 23 + R2 * 22 + R1 * 21 + R0 * 20
where R6 thru R0 have values of 0 or 1. (All bits set to 0 results in a divide ratio of 1). Similarly, the
divide ratio for the VCO input is set by V6 thru V0.
The core phase frequency detector can be operated up to a reference frequency of 8 GHz. The out-
put of the phase frequency detector drives two programmable charge pumps. The amplitudes of the
UP and Down pulses from the charge pumps can be controlled digitally by setting A[3:0]. There is
also an analog adjustment at the VADJ* pin.
The divided reference and VCO signals may be monitored at the DRO and DVO outputs respective-
ly. Analog adjustments, VADV* and VADR* can be used to control the amplitudes of DVO and DRO,
or to disable DVO and DRO in order to reduce power consumption. With the exception of DRO and
DVO, all of the RF inputs and outputs of the PFD1K are fully differential CML compatible levels so
that they are easy to interface with other logic.
* VADJ, VADV and VADR are not shown in the block diagram.
Theory of Operation
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com