Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1K Datasheet(PDF) 2 Page - Microsemi Corporation

Part # PFD1K
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1K Datasheet(HTML) 2 Page - Microsemi Corporation

  PFD1K Datasheet HTML 1Page - Microsemi Corporation PFD1K Datasheet HTML 2Page - Microsemi Corporation PFD1K Datasheet HTML 3Page - Microsemi Corporation PFD1K Datasheet HTML 4Page - Microsemi Corporation PFD1K Datasheet HTML 5Page - Microsemi Corporation PFD1K Datasheet HTML 6Page - Microsemi Corporation PFD1K Datasheet HTML 7Page - Microsemi Corporation PFD1K Datasheet HTML 8Page - Microsemi Corporation PFD1K Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K
Key Specifications (T = 25˚C)
Vcc=+3.3V, Zo=50Ω
Parameter
Description
Min
Typ
Max
Fref (GHz)
Input Reference Frequency1
0.01
-
40
Fvco (GHz)
Input VCO Frequency1
0.01
-
40
Pref (dBm)
Input Reference Power2
-10
0
+10
Pvco (dBm)
Input VCO Power2
-10
0
+10
Vout (mVp-p)
Differential Charge Pump Output3
-
400
-
PDC (mW)
DC Power Dissipation
-
1320
-
L (dBc/Hz)
SSB Phase Noise4
-
-153
-
1 Minimum input frequency values assume sine wave input and divide ratio set to 1.
2 Input frequency=20 GHz
3 Each side terminated into 50Ω
4 900 MHz PFD input; 10 KHz offset
Supplemental Characteristics (@ 25˚C):
Vcc=+3.3V, Pin = 0 dBm, Zo=50Ω
Parameter
Description
Min
Typ
Max
Vdro (mVp-p)
Reference Prescaler Output1
450
475
500
Vdvo (mVp-p)
VCO Prescaler Output1
450
475
500
1 Measured over several frequencies and divide ratios.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com