Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1K Datasheet(PDF) 12 Page - Microsemi Corporation

Part # PFD1K
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1K Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button PFD1K Datasheet HTML 8Page - Microsemi Corporation PFD1K Datasheet HTML 9Page - Microsemi Corporation PFD1K Datasheet HTML 10Page - Microsemi Corporation PFD1K Datasheet HTML 11Page - Microsemi Corporation PFD1K Datasheet HTML 12Page - Microsemi Corporation PFD1K Datasheet HTML 13Page - Microsemi Corporation PFD1K Datasheet HTML 14Page - Microsemi Corporation PFD1K Datasheet HTML 15Page - Microsemi Corporation PFD1K Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K
ESD Sensitivity:
Although SiGe IC’s have robust ESD sensitivities, preventive ESD measures should be taken
while storing, handling, and assembling. Inputs are more ESD susceptible as they could expose
the base of a BJT or the gate of a MOSFET. For this reason, all the low frequency inputs are
protected with ESD diodes. These inputs have been tested to withstand voltage spikes up to 400 V.
For performance reasons the RF inputs are not protected with ESD diodes and the ESD sensitivity
is higher.
Parameter
Value
Unit
Supply Voltage (VCC-VEE)
4
V
RF Input Power (INP, INN)
10
dBm
Operating Temperature
-40 to 85
ºC
Storage Temperature
-85 to 125
ºC
Junction Temperature
125
ºC
Table 4: Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com