Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1K Datasheet(PDF) 11 Page - Microsemi Corporation

Part # PFD1K
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1K Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button PFD1K Datasheet HTML 7Page - Microsemi Corporation PFD1K Datasheet HTML 8Page - Microsemi Corporation PFD1K Datasheet HTML 9Page - Microsemi Corporation PFD1K Datasheet HTML 10Page - Microsemi Corporation PFD1K Datasheet HTML 11Page - Microsemi Corporation PFD1K Datasheet HTML 12Page - Microsemi Corporation PFD1K Datasheet HTML 13Page - Microsemi Corporation PFD1K Datasheet HTML 14Page - Microsemi Corporation PFD1K Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K
Pinout Diagram
UXN40M7K Physical Characteristics
Pkg Size:
6.00 x 6.00 mm
Pkg Thickness:
1.1 mm
Pad Dimensions:
0.30 x 0.32 mm
Center Paddle:
4.5 x 4.5 mm
JEDEC Designator:
MO-220
JEDEC designator:
MO-220
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com