Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1K Datasheet(PDF) 17 Page - Microsemi Corporation

Part # PFD1K
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1K Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button PFD1K Datasheet HTML 11Page - Microsemi Corporation PFD1K Datasheet HTML 12Page - Microsemi Corporation PFD1K Datasheet HTML 13Page - Microsemi Corporation PFD1K Datasheet HTML 14Page - Microsemi Corporation PFD1K Datasheet HTML 15Page - Microsemi Corporation PFD1K Datasheet HTML 16Page - Microsemi Corporation PFD1K Datasheet HTML 17Page - Microsemi Corporation PFD1K Datasheet HTML 18Page - Microsemi Corporation PFD1K Datasheet HTML 19Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Application Notes
1. All of the controls on the evaluation board are brought out to a Molex test connector (J11) for
programmability. A 0V to +3.3V TTL signal can be used to override the dip switches (except for
the VADV, VADR, and VADJ switches). Set those dip switch positions to
OFF and apply a
+3.3V TTL signal (i.e., a logic “High” level) to the test header.
2. The evaluation board has an OP AMP to drive a Varactor VCO oscillator with a 0V to 20V tuning
voltage (see Figure 4). Make sure that the proper NO-LOAD resistors are installed to enable
the OP AMP circuitry (refer to the schematic in Figure 5) and make sure that a -5VEE and
+25VCC supply are connected. The -5V and +25V supplies are not needed if the OP AMP
integrator circuitry is not needed.
If evaluating the output charge pump circuit (i.e., UPN/UPP and DNP/DNN outputs), make sure
R12, R14, R24 and R26 (0 Ω) resistors are loaded. Also remove R17 and R21 (200 Ω)
resistors. If not, those two resistors (R17 and R21) will load down the phase detector charge
pump output circuit. However, it is ok to leave them in place during the evaluation if the output
level of the charge pump circuit is not a concern.
If using the Vtune (op-amp) output (J10) for evaluation, terminate the UPN/UPP and DNP/DNN
output ports with 50 Ω load to minimize reflection. This action will also lower the output
amplitude signal level by a small amount.
3. Figure 4 shows a block diagram of the PFD1K phase frequency detector and the VCO error
voltage integrator circuit (if loaded) that is part of the evaluation board.
4. A schematic of the evaluation board is included on the next page (figure 5).
Figure 4. Block diagram for PFD1KE evaluation PC board including loop filter and VCO op-amp
17 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com