Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1K Datasheet(PDF) 14 Page - Microsemi Corporation

Part # PFD1K
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1K Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button PFD1K Datasheet HTML 10Page - Microsemi Corporation PFD1K Datasheet HTML 11Page - Microsemi Corporation PFD1K Datasheet HTML 12Page - Microsemi Corporation PFD1K Datasheet HTML 13Page - Microsemi Corporation PFD1K Datasheet HTML 14Page - Microsemi Corporation PFD1K Datasheet HTML 15Page - Microsemi Corporation PFD1K Datasheet HTML 16Page - Microsemi Corporation PFD1K Datasheet HTML 17Page - Microsemi Corporation PFD1K Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Figure 3. Close up view of the control dip switches on the Evaluation board
Turn on Sequence
1. Please take caution of static damage as the evaluation board and the phase detector
device are both sensitive to static discharge.
2. If RF inputs/outputs are used in single-ended configuration, terminate unused inputs/outputs
with 50 ohm loads.
3. Apply a +3.3V supply (VCC) to the evaluation board (J17, SMA (f) connector) for the
divider/phase detector.
Warning: In order to avoid damaging the device, +3.3V supply must be turned on before
turning on the op-amp bias voltages (+25V and -5V).
4. Apply a +25V supply to the evaluation board (J19, SMA (f) connector) for the op-amp.
5. Apply a -5V supply to the evaluation board (J18, SMA (f) connector) for the op-amp.
6. Use on-board dip switches to adjust the Reference and VCO divide ratios. Note all zeros is a
default divide by 1.
Switch Settings (Open = 0, Close = 1)
Division Ratio Output
VCO (S3)
V6 V5 V4 V3 V2 V1 V0
(V6=MSB)
REF (S1)
R6 R5 R4 R3 R2 R1 R0
(R6=MSB)
0000001
0000001
1
1000000
1000000
1/64
1111111
1111111
1/127
Enable side
Enable side
Enable side
Open side
Open side
Open side
Ref divider modulus
control enable switch
(R0-R6, MSB=R6)
VADR output
amplitude switch
control
VADR (divided ref
output amplitude analog
control, if VADR dip
switch is in the open
position)
Charge pump output
gain switch control
(A0-A3, MSB=A3)
VCO divider modulus
control enable switch
(V0-V6, MSB=V6)
VADV (divided VCO
output amplitude analog
control, if VADV dip
switch is in the open
position)
VADJ (Charge pump gain analog
control, if VADJ dip switch S2 -
position 2 is in the open position)
VADV output
amplitude switch
control
Polarity of phase
detector switch control
(enable = reverses the
polarity of the charge
pump outputs)
VADJ charge
pump output
gain switch
control
S3
S2
S1
14 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com