Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1K Datasheet(PDF) 16 Page - Microsemi Corporation

Part # PFD1K
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1K Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button PFD1K Datasheet HTML 11Page - Microsemi Corporation PFD1K Datasheet HTML 12Page - Microsemi Corporation PFD1K Datasheet HTML 13Page - Microsemi Corporation PFD1K Datasheet HTML 14Page - Microsemi Corporation PFD1K Datasheet HTML 15Page - Microsemi Corporation PFD1K Datasheet HTML 16Page - Microsemi Corporation PFD1K Datasheet HTML 17Page - Microsemi Corporation PFD1K Datasheet HTML 18Page - Microsemi Corporation PFD1K Datasheet HTML 19Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Turn on Sequence (continue)
Input voltage levels for the I/O control lines:
15. The evaluation board also included an integrator (op-amp circuitry, if the option is loaded) which
generates a Vtune error voltage output signal at the Vtune port (2.9 mm (f) connector). This
signal can be viewed using a spectrum analyzer or oscilloscope. See the Application Notes
section for additional information.
This error voltage represented the phase frequency difference between the REF and VCO input
signals (~ 10 MHz signal, the average of this signal is the VCO’s dc error correction voltage).
16. Refer to PFD1K datasheet for performance specifications.
Pin Descriptions:
Pin #
Port Name
Description
Notes
34
REFP
Reference RF input, positive terminal
CML signal levels
35
REFN
Reference RF input, negative terminal
CML signal levels
17
VCOP
VCO RF input, positive terminal
CML signal levels
16
VCON
VCO RF input, negative terminal
CML signal levels
26
UPP
Up Charge Pump output, positive terminal
CML output level set by charge pump gain
27
UPN
Up Charge Pump output, negative terminal
CML output level set by charge pump gain
25
DNP
Down Charge Pump output, positive terminal
CML output level set by charge pump gain
24
DNN
Down Charge Pump output, negative terminal
CML output level set by charge pump gain
31
DRO
Divided Reference Output ( single ended )
CML output level, requires DC pullup
20
DVO
Divided VCO Output ( single ended )
CML output level, requires DC pullup
Pin #
Port
Name
Description
Notes
8
POL
Polarity of Phase Detector
3.3 V CMOS levels, defaults to logic 0 if open
2, 1, 40, 39, 38,
37, 36
R[6:0]
Reference Prescaler Divide Ratio
3.3 V CMOS levels, defaults to logic 0 if open
9, 10, 11, 12,
13, 14, 15
V[6:0]
VCO Prescaler Divide Ratio
3.3 V CMOS levels, defaults to logic 0 if open
7, 6, 5, 4
A[3:0]
Charge Pump Gain Control
3.3 V CMOS levels, defaults to logic 0 if open
3
VADJ
Charge Pump Gain Analog Control
From VEE to VCC, VCC for max output
30
VADR
Divided Reference Output Level Control From VEE to VCC, VCC for max output
21
VADV
Divided VCO Output Level Control
From VEE to VCC, VCC for max output
32, 19, 23, 28
VCC1-4 Positive power supply
+3.3 V @ 500 mA
33, 18, 22, 29
VEE1-4 Negative power supply
Ground
Paddle
Paddle
Package Paddle
Tie to heatsink
Logic Level
Minimum
Typical
Maximum
1 (High)
VCC-1.3V
VCC
VCC
0 (Low)
VEE
VEE
VEE + 0.8V
16 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com