Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFD1K Datasheet(PDF) 5 Page - Microsemi Corporation

Part # PFD1K
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1K Datasheet(HTML) 5 Page - Microsemi Corporation

  PFD1K Datasheet HTML 1Page - Microsemi Corporation PFD1K Datasheet HTML 2Page - Microsemi Corporation PFD1K Datasheet HTML 3Page - Microsemi Corporation PFD1K Datasheet HTML 4Page - Microsemi Corporation PFD1K Datasheet HTML 5Page - Microsemi Corporation PFD1K Datasheet HTML 6Page - Microsemi Corporation PFD1K Datasheet HTML 7Page - Microsemi Corporation PFD1K Datasheet HTML 8Page - Microsemi Corporation PFD1K Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K
Control Logic Circuitry:
The same circuitry is used for all control lines: A[0:3], R[0:6], V[0:6] and POL. A control pin left open
defaults to logic 0.
Analog Amplitude Controls:
As was previously mentioned, VADJ can be used for fine tuning the charge pump current. Maximum
current is achieved by setting VADJ to VCC. Similarly, the amplitudes of the prescaler outputs at
DRO and DVO can be controlled with analog voltages VADR and VADV, respectively. As with VADJ,
setting VADR and VADV to VCC results in maximum output amplitude.
Simplified Control Logic Input
Logic Level
Minimum
Typical
Maximum
1 (High)
VCC-1.3 V
VCC
VCC
0 (Low)
VEE
VEE
VEE+0.8 V
Table 1: Control Voltages (LVTTL Compatible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com