Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8413 Datasheet (PDF) - Analog Devices

Part # HMC8413
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
File Size   621.78 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413 Datasheet (PDF) - Analog Devices



Similar Part No. - HMC8413

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8410 AD-HMC8410 Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410 AD-HMC8410 Datasheet
749Kb / 17P
Low Noise Amplifier
Nov-2017
HMC8410CHIPS AD-HMC8410CHIPS Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410CHIPS-SX AD-HMC8410CHIPS-SX Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410LP2FE AD-HMC8410LP2FE Datasheet
749Kb / 17P
Low Noise Amplifier
Nov-2017
More results


Similar Description - HMC8413

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C048 HITTITE-HMC-C048 Datasheet
258Kb / 6P
LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
Custom MMIC Design Serv...
CMD119P3 MMIC-CMD119P3 Datasheet
241Kb / 9P
5-9 GHz Low Noise Amplifier
CMD218C4 MMIC-CMD218C4 Datasheet
259Kb / 12P
5-9 GHz GaN Low Noise Amplifier
CMD218 MMIC-CMD218 Datasheet
222Kb / 12P
5-9 GHz GaN Low Noise Amplifier
logo
Analog Devices
HMC8412 AD-HMC8412 Datasheet
430Kb / 18P
Low Noise Amplifier, 0.4 GHz to 11 GHz
5/2020-Revision 0
ADL9005 AD-ADL9005 Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
logo
Qorvo, Inc
CMD318P3 QORVO-CMD318P3 Datasheet
351Kb / 13P
5-9 GHz Low Noise Amplifier
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com