Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8413 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC8413
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC8413 Datasheet HTML 5Page - Analog Devices HMC8413 Datasheet HTML 6Page - Analog Devices HMC8413 Datasheet HTML 7Page - Analog Devices HMC8413 Datasheet HTML 8Page - Analog Devices HMC8413 Datasheet HTML 9Page - Analog Devices HMC8413 Datasheet HTML 10Page - Analog Devices HMC8413 Datasheet HTML 11Page - Analog Devices HMC8413 Datasheet HTML 12Page - Analog Devices HMC8413 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
HMC8413
Rev. 0 | Page 9 of 21
0
200
180
60
140 160
120
100
80
40
20
FREQUENCY (MHz)
+85°C
+25°C
–40°C
10
9
0
1
3
5
7
8
2
4
6
Figure 25. Noise Figure vs. Frequency for Various Temperatures,
10 MHz to 200 MHz, VDD = 5 V, IDQ = 95 mA
0
200
180
60
140 160
120
100
80
40
20
FREQUENCY (MHz)
10
9
0
1
3
5
7
8
2
4
6
6V, IDQ = 120mA
5V, IDQ = 95mA
4V, IDQ = 70mA
3V, IDQ = 47mA
2V, IDQ = 25mA
Figure 26. Noise Figure vs. Frequency for Various Supply Voltages and IDQ,
10 MHz to 200 MHz, RBIAS = 787 Ω
0
200
180
60
140 160
120
100
80
40
20
FREQUENCY (MHz)
10
9
0
1
3
5
7
8
2
4
6
6.7kΩ, IDQ = 25mA
3.6kΩ, IDQ = 35mA
1.9kΩ, IDQ = 55mA
1.2kΩ, IDQ = 75mA
787Ω, IDQ = 95mA
540Ω, IDQ = 115mA
Figure 27. Noise Figure vs. Frequency for Various Bias Resistor Values and IDQ,
10 MHz to 200 MHz, VDD = 5 V
+85°C
+25°C
–40°C
10
9
0
1
3
5
7
8
2
4
6
0
12
6
10
8
4
2
FREQUENCY (GHz)
Figure 28. Noise Figure vs. Frequency for Various Temperatures,
200 MHz to 12 GHz, VDD = 5 V, IDQ = 95 mA
10
9
0
1
3
5
7
8
2
4
6
6V, IDQ = 120mA
5V, IDQ = 95mA
4V, IDQ = 70mA
3V, IDQ = 47mA
2V, IDQ = 25mA
0
12
6
10
8
4
2
FREQUENCY (GHz)
Figure 29. Noise Figure vs. Frequency for Various Supply Voltages and IDQ,
200 MHz to 12 GHz, RBIAS = 787 Ω
10
9
0
1
3
5
7
8
2
4
6
0
12
6
10
8
4
2
FREQUENCY (GHz)
6.7kΩ, IDQ = 25mA
3.6kΩ, IDQ = 35mA
1.9kΩ, IDQ = 55mA
1.2kΩ, IDQ = 75mA
787Ω, IDQ = 95mA
540Ω, IDQ = 115mA
Figure 30. Noise Figure vs. Frequency for Various Bias Resistor Values and IDQ,
200 MHz to 12 GHz, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com