Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8413 Datasheet(PDF) 18 Page - Analog Devices

Part # HMC8413
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413 Datasheet(HTML) 18 Page - Analog Devices

Back Button HMC8413 Datasheet HTML 13Page - Analog Devices HMC8413 Datasheet HTML 14Page - Analog Devices HMC8413 Datasheet HTML 15Page - Analog Devices HMC8413 Datasheet HTML 16Page - Analog Devices HMC8413 Datasheet HTML 17Page - Analog Devices HMC8413 Datasheet HTML 18Page - Analog Devices HMC8413 Datasheet HTML 19Page - Analog Devices HMC8413 Datasheet HTML 20Page - Analog Devices HMC8413 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
HMC8413
Data Sheet
Rev. 0 | Page 18 of 21
APPLICATIONS INFORMATION
Figure 71 shows the basic connections for operating the
HMC8413. AC couple the input and output of the HMC8413
with appropriately sized capacitors (American Technical
Ceramics, 531Z104KTR16T). Use an appropriate bias tee on the
RFOUT/VDD pin to provide both ac and dc coupling to the
RFOUT/VDD pin. A 5 V dc bias is supplied to the amplifier through
the choke inductor connected to the RFOUT/VDD pin. The
recommended bias inductor is the Coilcraft® 0402DF-901XJRE,
0.9 μH.
The shunt resistor, inductor, capacitor (RLC) network on the
input of the HMC8413 adds resistive loss to help stabilize the
amplifier by reducing the gain at low frequencies. The shunt
inductor makes the resistor frequency dependent. At low
frequencies, the resistor becomes more active. The resistor has
less influence at higher frequencies where the impedance of the
choke is high. The capacitor blocks dc voltages and currents
from flowing through the resistor and the inductor.
The bias condition, VDD = 5 V and IDQ = 95 mA, is the
recommended operating point to achieve optimum performance.
To set other bias conditions, adjust the value of RBIAS. Table 7
shows the recommended bias resistor values and their associated
quiescent current.
HMC8413
1
GND
GND
C1
RFIN
RFOUT
0.1µF
C4
VDD
0.1µF
C5
0.1µF
C2
0.1µF
L1
0.14µH
L2
0.9µH
3
2
6
4
5
GND
GND
C3
10pF
R1
15Ω
R2
787Ω
Figure 71. Typical Application Circuit
RECOMMENDED BIAS SEQUENCING
During Power-Up
The recommended bias sequence during power-up is as follows:
1. Set VDD to 5 V.
2. Apply the RF signal.
During Power-Down
The recommended bias sequence during power-down is as follows:
1. Turn off the RF signal.
2. Set VDD to 0 V.
Table 7. Recommended Bias Resistor Values
RBIAS (Ω)
Total Current,
IDQ (mA)
Amplifier Current,
IDQ_AMP (mA)
RBIAS Current,
IRBIAS (mA)
440
125
120.55
4.45
490
120
115.74
4.26
540
115
110.94
4.06
590
110
106.13
3.87
650
105
101.32
3.68
710
100
96.51
3.49
787
95
91.7
3.3
890
90
86.89
3.11
990
85
82.07
2.93
1100
80
77.26
2.74
1200
75
72.45
2.55
1360
70
67.63
2.37
1520
65
62.81
2.19
1700
60
57.99
2.01
1900
55
53.17
1.83
2240
50
48.36
1.64
2600
45
43.54
1.46
3080
40
38.72
1.28
3600
35
33.91
1.09
4780
30
29.12
0.88
6700
25
24.37
0.63
11900
20
19.62
0.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com